Electronic Components Datasheet Search
  English  ▼

X  

9627 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9627
Description  Adhesive Transfer Tape with Quick Bonding Adhesive 360
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9627 Datasheet(HTML) 2 Page - 3M Electronics

  9627 Datasheet HTML 1Page - 3M Electronics 9627 Datasheet HTML 2Page - 3M Electronics 9627 Datasheet HTML 3Page - 3M Electronics 9627 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Adhesive Transfer Tape with Quick Bonding Adhesive 360
9626 • 9627
Typical Physical
Properties and
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
0.05 mm (2.0 mil)
0.13 mm (5.0 mil)
3M™ Adhesive Transfer
3M™ Adhesive Transfer
Product Number
Tape 9626
Tape 9627
Adhesion to Polypropylene
Oz/in
Oz/in
ASTM D3330 – 180 degree
(N/25 mm)
(N/25 mm)
2 mil al foil
Faceside / Backside
Faceside / Backside
- 30 seconds RT
100 (28) / 100 (28)
160 (45) / 150 (42)
- 15 minutes RT
100 (28) / 100 (28)
165 (46) / 155 (43)
- 72 hours RT
130 (36) / 120 (34)
165 (46) / 165 (46)
Adhesion to other surfaces
Oz/in
Oz/in
ASTM D3330 – 180 degree,
(N/25 mm)
(N/25 mm)
2 mil al foil, 72 hour RT
Faceside / Backside
Faceside / Backside
ABS
140 (39) / 130 (36)
165 (46) / 165 (46)
Stainless Steel
140 (39) / 140 (39)
160 (45) / 160 (45)
Polycarbonate
140 (39) / 140 (39)
165 (46) / 165 (46)
LDPE
60 (17) / 55 (15)
95 (26) / 90 (25)
HDPE
70 (20) / 65 (18)
80 (22) / 80 (22)
Shear Strength - ASTM D3654
Modified – (.5 inch2 sample size)
1000 grams at 72°F (22°C)
>10,000 minutes
>10,000 minutes
500 grams at 158°F (70°F)
>10,000 minutes
>10,000 minutes
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
200°F (93°C)
200°F (93°C)
Short Term (minutes, hours)
350°F (177°C)
350°F (177°C)
Relative Solvent Resistance:
Very Good
Very Good
Available Sizes
Roll length, width, slitting tolerance, core size.
Product
3M™ Adhesive Transfer Tape
9626
9627
Maximum Length in.:
1/2" to 1/2"
72 yds. (66 m)
72 yds. (66 m)
1/2" to 1"
360 yds. (329 m)
252 yds. (230 m)
1" to 6"
540 yds. (494 m)
540 yds. (494 m
6" to 27"
900 yds. (823 m)
720 yds. (658 m)
27" to 54"
540 yds. (494 m)
540 yds. (494 m)
Normal Slitting Tolerance
± 1/32 in. (0.08 mm)
Core Size (ID)
3.0 in. (76.2 mm)
Minimum length
72 yds. (66 m).
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com