Electronic Components Datasheet Search
  English  ▼

X  

IL700D Datasheet(PDF) 1 Page - Integral Corp.

Part # IL700D
Description  HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL700D Datasheet(HTML) 1 Page - Integral Corp.

  IL700D Datasheet HTML 1Page - Integral Corp. IL700D Datasheet HTML 2Page - Integral Corp. IL700D Datasheet HTML 3Page - Integral Corp. IL700D Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IL700D
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
1
HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
The IL700D is a monolithic high voltage switching regulator-controllers with
PWM/PFM control that is specifically designed to operate from a rectified 220 VAC
line source. This device contain a reference voltage source, oscillation circuit, error
amplifier, phase compensation circuit, PWM control circuit, power supply 450 V
MOS-transistor, 700 V DMOS power switch, and other components. Since the
oscillation frequency is a high 600 kHz, with the addition of a small external
component, the IC can function as switching regulator with high efficiency.
The IL700D provides low-ripple power, high-efficiency, and excellent transient
characteristics thanks to a PWM control circuit capable of varying the duty ratio linearly
from 0% to 82% and optimized error amplifier, and phase compensation circuit.
The IL700D contains a PWM/PFM switching control circuit so that it operates
using PWM control with a duty ratio of 27% or higher and using PFM control with a
duty ratio of lower than 27% to ensure high efficiency in all load ranges.
Pin
No.
Pin Name
Function
1
NC
Not used
2
VddHV
IC high power supply
3
NC
Not used
4
Vdd
IC internal low power supply
5
Vz
Voltage on zener diode
6
CVREF
Reference voltage source pass
capacitor connection pin
7
GND
Gnd pin
8
FB
FB for external setting type
9
CSS
Soft-start capacitor connection pin
10
SENSE
Current limit detection pin
11
NC
Not used
12
NC
Not used
13
NC
Not used
14
NC
Not used
15
SOURCE
Power switch source
16
SOURCE
Power switch source
17
SOURCE
Power switch source
18
NC
Not used
19
NC
Not used
20
DRAIN
Power Switch Drain


Similar Part No. - IL700D

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL700 NVE-IL700 Datasheet
438Kb / 8P
IL700-Series Isolator Evaluation Board
February 2012
IL700-01 NVE-IL700-01 Datasheet
438Kb / 8P
IL700-Series Isolator Evaluation Board
February 2012
IL700V NVE-IL700V Datasheet
821Kb / 15P
High Isolation Voltage Digital Isolators
More results

Similar Description - IL700D

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
High Frequency PWM Step-Up Regulator
August 10, 2007
logo
Rohm
BD9305AFVM ROHM-BD9305AFVM Datasheet
417Kb / 15P
Single-output Step-up,High-efficiency Switching Regulator(Controller Type)
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com