Electronic Components Datasheet Search
  English  ▼

X  

IL235Z Datasheet(PDF) 3 Page - Integral Corp.

Part # IL235Z
Description  HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL235Z Datasheet(HTML) 3 Page - Integral Corp.

  IL235Z Datasheet HTML 1Page - Integral Corp. IL235Z Datasheet HTML 2Page - Integral Corp. IL235Z Datasheet HTML 3Page - Integral Corp. IL235Z Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IL700D
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
3
ABSOLUTE MAXIMUM RATING
(Ta=25ºC unless otherwise specified)
Item
Symbol
Ratings
Units
Vdd pin voltage
Vdd
Vss-0.3 to 16
V
VddHV pin voltage
VddHV
Vss-0.3 to 450
V
DRAIN pin voltage
VDRAIN
Vss-0.3 to 700
V
DRAIN pin current
IDRAIN
300
mA
FB pin voltage
VFB
Vss-0.3 to 16
V
CVREF pin voltage
VCVREF
Vss-0.3 to Vdd+0.3
V
CSS pin voltage
VCSS
Vss-0.3 to Vdd+0.3
V
SENSE pin voltage
VSENSE
Vss-0.3 to Vdd+0.3
V
Vz pin voltage
Vz
Vss-0.3 to Vdd+0.3
V
Power dissipation
PD
650
mW
ELECTRICAL CHARACTERISTICS
(Ta=25ºC unless otherwise
specified)
Sym-
IL700D
Parameter
Conditions
bol
Min Typ Max Unit
FB pin voltage
VddHV=220V, Duty=50%, Ta=25
oC
VFB
0.98
1.0
1.02
V
FB pin voltage
VddHV=220V, Duty=50%, Ta= -25
oC
+85
oC
VFB
0.97
1.0
1.03
V
Line regulation
30V ≤ VddHV ≤ 300V, Duty=50%
∆VFB1
-
-
40
mV
Oscillation start voltage
No external component. The voltage
is applied to VddHV
VST
-
-
20
V
Current consumption in static mode
VddHV=220V, VFB=1.5V
ISS1
-
-
1
mA
Current consumption in dynamic
mode
VddHV=220V, VFB=0.5V
ISS2
-
-
4
mA
Current limit detection voltage
Judge oscillation stop in “H”, at DRAIN
pin, Ta=25
oC
VSENSE
90
120
150
mV
Current limit detection voltage
Judge oscillation stop in “H”, at DRAIN
pin Ta= -25
oC +85oC
VSENSE
80
120
160
mV
DRAIN pin output current
VddHV=220V
IDRAIN
68
-
172
mA
Oscillation frequency
VddHV=220V. Measure waveform at
DRAIN pin Ta=25
oC
fOSC
510
600
690
kHz
Oscillation frequency
VddHV=220V. Measure waveform at
DRAIN pin Ta= -25
oC +85oC
fOSC
500
600
700
kHz
Maximum duty ratio
VddHV=220V. Measure waveform at
DRAIN pin
MaxDuty
73
82
89
%
PWM/PFM-control switch duty ratio
VddHV=220V. Under no load
PFMDuty
19
27
35
%
Drain-Source Off-State Leakage
Current
VDRAIN=220V
IDRAIN(off)
-
-
50
µA
Soft-Start time
VddHV=220V, CSS=4700pF,
IOUT=50mA. Measure time until
oscillation occurs at DRAIN pin
TSS
3.0
-
14.0
ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com