Electronic Components Datasheet Search
  English  ▼

X  

IL2010B Datasheet(PDF) 1 Page - Integral Corp.

Part # IL2010B
Description  PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL2010B Datasheet(HTML) 1 Page - Integral Corp.

  IL2010B Datasheet HTML 1Page - Integral Corp. IL2010B Datasheet HTML 2Page - Integral Corp. IL2010B Datasheet HTML 3Page - Integral Corp. IL2010B Datasheet HTML 4Page - Integral Corp. IL2010B Datasheet HTML 5Page - Integral Corp. IL2010B Datasheet HTML 6Page - Integral Corp. IL2010B Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IL2010B
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
Description
The IL2010B is designed as a phase-control
circuit in bipolar technology. It enables load-
current detection and has a soft-start function as
well as reference voltage output. Motor control
with
load-current
feedback
and
overload
protection are preferred applications.
Features
• Full wave current sensing
• Mains supply variation compensated
• Programmable load-current limitation
with over- and high-load output
• Variable soft-start
• Voltage and current synchronization
• Automatic retriggering switchable
• Triggering pulse typical 125 mA
• Internal supply voltage monitoring
• Current requirement ≤ 3 mA
• Temperature compensated reference voltage
Applications
• Advanced motor control
• Grinder
• Drilling machine
Pin Description
Pin
Symbol
Function
1
Isense
Load current sensing
2
Isense
Load current sensing
3
Cϕ
Ramp voltage
4
Control
Control input
5
Comp.
Compensation output
6
ILoad
Load current limitation
7
Csoft
Soft start
8
VRef
Reference voltage
9
Mode
Mode selection
10
GND
Ground
11
VS
Supply voltage
12
High load High load indication
13
Overload
Overload indication
14
VRϕ
Ramp current adjust
15
VSync.
Voltage synchronization
16
Output
Trigger output


Similar Part No. - IL2010B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL201 SIEMENS-IL201 Datasheet
69Kb / 3P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
08-May-08
More results

Similar Description - IL2010B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
Phase Control Circuit - General Purpose Feedback
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
List of Unclassifed Man...
TDA2088 ETC1-TDA2088 Datasheet
276Kb / 3P
PHASE CONTROL INTEGRATED CURCUIT FOR CURRENT FEEDBACK APPLICATION
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com