Electronic Components Datasheet Search
  English  ▼

X  

IL2010BD Datasheet(PDF) 2 Page - Integral Corp.

Part # IL2010BD
Description  PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL2010BD Datasheet(HTML) 2 Page - Integral Corp.

  IL2010BD Datasheet HTML 1Page - Integral Corp. IL2010BD Datasheet HTML 2Page - Integral Corp. IL2010BD Datasheet HTML 3Page - Integral Corp. IL2010BD Datasheet HTML 4Page - Integral Corp. IL2010BD Datasheet HTML 5Page - Integral Corp. IL2010BD Datasheet HTML 6Page - Integral Corp. IL2010BD Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL2010B
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
Block Diagram
Absolute Maximum Ratings
Reference point Pin 10, unless otherwise specified
Parameters
Pin
Symbol
Value
Unit
–IS
30
mA
Sink current
t
≤10us
11
–is
100
±IsyncV
5
mA
Sync. currents
t
≤10us
15
±isyncV
20
Phase control
Control voltage
4 and 8
–VI
0 – V8
V
Input current
4
± II
500
uA
Charging current
14
– Iϕ max
0.5
mA
Soft-start
Input voltage
7 and 8
–VI
0 – V8
V
Pulse output
+VI
2
Input voltage
16
–VI
V11
V
Reference voltage source
I0
10
mA
Output current
t
≤10us
8
i0
30
mA
Load current sensing
Input currents
1 and 2
± Ii
1
mA
Input voltages
5 and 6
– Vi
0 – V8
V
Overload output
13
IL
1
mA
IL
30
mA
High-load output
t
≤10us
12
iL
100
mA
Storage temperature range
Tstg
-40 to +125
oC
Junction temperature range
Tj
125
oC
Ambient temperature range
Tamb
-10 to +100
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com