Electronic Components Datasheet Search
  English  ▼

X  

IL33269 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL33269
Description  LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL33269 Datasheet(HTML) 1 Page - Integral Corp.

  IL33269 Datasheet HTML 1Page - Integral Corp. IL33269 Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IL33269
1
LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE
REGULATORS
The IL33269 series are low dropout, medium current, fixed and
adjustable, positive voltage regulators specifically designed for
use in low input voltage applications. These devices offer the
circuit designer an economical solution for precision voltage
regulation, while keeping power losses to a minimum.
The regulator consists of a 1.0V dropout composite PNP-NPN
pass transistor, current limiting, and thermal shutdown.
FEATURES
• 3.3 V, 5.0 V, 12V and Adjustable Versions
• 1.0 V Dropout
• Output Current in Excess of 800 mA
• Thermal Protection
• Short Circuit Protection
• Output Trimmed to 1.0% Tolerance
• No Minimum Load Requirement for Fixed Voltage Output Devices
Device type/nominal output
voltage
IL33269-3.3
IL33269-5
IL33269-12
3.3 V
5 V
12 V
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply input Voltage
Vin
20
V
Power Dissipation and Thermal Characteristics
TA = +25 °C
Thermal Resistance, Junction to Air
Thermal Resistance, Junction to Case
PD
θJA
θJC
W
oC/W
oC/W
Operating Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature
Tstg
-55 to +150
°C
Pin 1. Gnd/ Adj
2. Vin
3. Vout
(H eatsink
surface connected
to Pin 2.)
TO-220 AB


Similar Part No. - IL33269

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
IL33290D IKSEMICON-IL33290D Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
ISO K Line Serial Link Interface
More results

Similar Description - IL33269

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com