Electronic Components Datasheet Search
  English  ▼

X  

ILA7053 Datasheet(PDF) 2 Page - Integral Corp.

Part # ILA7053
Description  2 X 1 W PORTABLE/MAINS-FED STEREO POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA7053 Datasheet(HTML) 2 Page - Integral Corp.

  ILA7053 Datasheet HTML 1Page - Integral Corp. ILA7053 Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ILA7053
2
CHARACTERISTICS Vp = 6 V; R(_ = 8 Q; Tamb = 25 °C; unless otherwise specified; measured from test
circuit, Fig.7.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
Vp
3
6
18
V
Total quiescent current
RL =∞; note 1
ltot
-
9
16
mA
Input bias current
Ibias
-
100
300
nA
Supply voltage ripple rejection
note 2
SVRR
40
50
-
dB
Input impedance
Zi
-
100
-
k
Ω
DC output offset voltage
note 3
∆V13-16
-
-
100
mV
V12-9
-
-
100
mV
Noise output voltage
(RMS value)
note 4
Vno(rms)
-
150
300
mV
note 5
Vno(rms)
-
60
-
mV
Output power
THD = 10%
PO
-
1.2
-
W
Total harmonic distortion
PO=0.1W
THD
-
0.2
1.0
%
Internal voltage gain
GV
38
39
40
dB
Channel balance
∆Gv
-
-
1
dB
Channel separation
note 3
a
40
-
-
dB
Frequency response
f
-
0.02 to 20
-
kHz
Notes to the characteristics
1. With a practical load the total quiescent current depends on the offset voltage.
2. Ripple rejection measured at the output with Rs = 0
Ω and f =100 Hz to 10 kHz. The ripple voltage (200 mV) is applied
to the positive supply rail.
Rs = 5 k
Ω. The noise output voltage (RMS value) is measured with Rs = 5 kΩ, unweighted and a bandwidth of 60 Hz to
15 kHz.
The noise output voltage (RMS value) is measured with Rs = 0
Ω and f = 500 kHz with 5 kHz bandwidth. If RL = 8 Ω and
LL = 200 mH the noise output current is only 100 nA.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com