Electronic Components Datasheet Search
  English  ▼

X  

ADE9153A Datasheet(PDF) 10 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 6Page - Analog Devices ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices ADE9153A Datasheet HTML 10Page - Analog Devices ADE9153A Datasheet HTML 11Page - Analog Devices ADE9153A Datasheet HTML 12Page - Analog Devices ADE9153A Datasheet HTML 13Page - Analog Devices ADE9153A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 10 of 50
Pin No.
Mnemonic
Description
18
REFIN
Voltage Reference. This pin provides access to the on-chip voltage reference. The on-chip reference has
a nominal value of 1.25 V. Decouple this pin to Pin 17 (AGND) with a 0.1 μF ceramic capacitor in parallel
with a 4.7 μF ceramic capacitor. After reset, the on-chip reference is enabled. An external reference
source with 1.25 V ± 0.01% can also be connected at this pin.
19
IBMS
Output for the mSure Current Driver on Current Channel B (Neutral Current Channel). IBMS is
connected to a wire leading through the primary winding of the CT and back to Pin 20 (DGND).
21
MSH
External Capacitor Pin for the mSure Current Driver. Connect an external 0.47 μF ceramic capacitor
between the MSH pin and Pin 20 (DGND).
22
FA1
mSure Capacitor, Positive Terminal. Connect an external capacitor of value 0.47 μF between FA0 and FA1.
23
FA0
mSure Capacitor, Negative Terminal. Connect an external capacitor of value 0.47 μF between FA0 and FA1.
25
ZX/DREADY/CF2
Voltage Channel Zero-Crossing Output Pin. See the Voltage Channel section. This pin can be configured
to output CF2 if necessary. See the description for CF1.
26
CF1
Calibration Frequency (CF) Logic Outputs. The CF1 and CF2 outputs provide proportional power information
based on the CFxSEL bits in the CFMODE register. Use these outputs for operational and calibration
purposes. Scale the full-scale output frequency by writing to the CFxDEN registers, respectively.
27
IRQ
Interrupt Request Output. This pin is an active low logic output. See the Interrupts/Events section for
information about events that trigger interrupts.
28
RESET
Active Low Reset Input. To initiate a hardware reset, this pin must be brought low for a minimum of 10 μs.
29
MOSI/RX
Data Input for the SPI Port (MOSI) and Receive Pin for the UART (RX).
30
MISO/TX
Data Output for the SPI Port (MISO) and Transmit Pin for the UART (TX).
31
SCLK
Serial Clock Input for the SPI Port. All serial data transfers are synchronized to this clock. The SCLK pin
has a Schmitt trigger input for use with a clock source that has a slow edge transition time (for example,
transitioning to opto-isolator outputs).
32
SS
Slave Select for the SPI Port.
EPAD
Exposed Pad. The exposed pad must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com