Electronic Components Datasheet Search
  English  ▼

X  

MAX306CWI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX306CWI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306CWI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX306CWI Datasheet HTML 1Page - Maxim Integrated Products MAX306CWI Datasheet HTML 2Page - Maxim Integrated Products MAX306CWI Datasheet HTML 3Page - Maxim Integrated Products MAX306CWI Datasheet HTML 4Page - Maxim Integrated Products MAX306CWI Datasheet HTML 5Page - Maxim Integrated Products MAX306CWI Datasheet HTML 6Page - Maxim Integrated Products MAX306CWI Datasheet HTML 7Page - Maxim Integrated Products MAX306CWI Datasheet HTML 8Page - Maxim Integrated Products MAX306CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(Voltage Referenced to V-)
V+ ......................................................................... -0.3V, +44V
GND...................................................................... -0.3V, +25V
Digital Inputs, NO, COM (Note 1) ........ (V- - 2V) to (V+ + 2V) or
30mA (whichever occurs first)
Continuous Current (any terminal) .....................................30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)............727mW
Wide SO (derate 12.50mW/°C above +70°C)...........1000mW
PLCC (derate 10.53mW/°C above +70°C)..................842mW
CERDIP (derate 16.67mW/°C above +70°C)............1333mW
TSSOP (derate 12.8mW/°C above +70°C) ...............1025mW
Operating Temperature Ranges
MAX30_C_ _ ......................................................0°C to +70°C
MAX30_E_ _ .................................................. -40°C to +85°C
MAX30_MJI .................................................. -55°C to +125°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
PDIP, Wide SO, TSSOP lead(Pb)-free........................+260°C
PDIP, Wide SO, TSSOP containing lead(Pb)..............+240°C
PLCC lead(Pb)-free .....................................................+245°C
PLCC containing lead(Pb)...........................................+225°C
CERDIP .......................................................................+240°C
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
SWITCH
Analog Signal Range
VNO,
VCOM
(Note 3)
-15
+15
V
On-Resistance
RON
INO = -1.0mA,
VCOM = ±10V
TA = +25°C
60
100
Ω
TA = TMIN to TMAX
125
On-Resistance Matching
Between Channels
ΔRON
INO = -1.0mA,
VCOM = ±10V (Note 4)
TA = +25°C
1.5
5
Ω
TA = TMIN to TMAX
8
On-Resistance Flatness
RFLAT
INO = -1.0mA,
VCOM = ±5V or 0V
TA = +25°C
1.8
7
Ω
TA = TMIN to TMAX
10
NO Off-Leakage Current
(Note 5)
INO(OFF)
VCOM = +10V,
VNO = ±10V,
VEN = 0V
TA = +25°C
-0.5
+0.01
+0.5
nA
TA = TMIN
to TMAX
C, E
-2.5
+2.5
M
-5.0
+5.0
COM Off-Leakage Current
(Note 5)
ICOM(OFF)
VNO = ±10V,
VCOM = +10V,
VEN = 0V
MAX306
TA = +25°C
-0.75
+0.02
+0.75
nA
TA = TMIN
to TMAX
C, E
-20
+20
M
-40
+40
VNO = +10V,
VCOM = ±10V,
VEN = 0V
MAX307
TA = +25°C
-0.75
+0.02
+0.75
TA = TMIN
to TMAX
C, E
-10
+10
M
-20
+20
MAX306/MAX307
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Signals on NO, COM, A0, A1, A2, A3, or EN exceeding V+ or V- are clamped by internal diodes. Limit forward current to
maximum current ratings.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics—Dual Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com