Electronic Components Datasheet Search
  English  ▼

X  

MAX309 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX309
Description  Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX309 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX309 Datasheet HTML 4Page - Maxim Integrated Products MAX309 Datasheet HTML 5Page - Maxim Integrated Products MAX309 Datasheet HTML 6Page - Maxim Integrated Products MAX309 Datasheet HTML 7Page - Maxim Integrated Products MAX309 Datasheet HTML 8Page - Maxim Integrated Products MAX309 Datasheet HTML 9Page - Maxim Integrated Products MAX309 Datasheet HTML 10Page - Maxim Integrated Products MAX309 Datasheet HTML 11Page - Maxim Integrated Products MAX309 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
High-Performance, CMOS Analog Multiplexers
_______________________________________________________________________________________
9
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX308
NO1
RS = 50
Ω
VIN
EN
10nF
RL = 1k
Ω
OFF ISOLATION = 20log
VOUT
VIN
10nF
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX308
NO2
RS = 50
Ω
VIN
EN
10nF
RL = 1k
Ω
CROSSTALK = 20log
VOUT
VIN
10nF
NO1
+15V
-15V
GND
V+
A2
V-
A1
A0
NO8
MAX308
CHANNEL
SELECT
NO1
COM
EN
Meter
Impedance
Analyzer
or Equivalent
f = 1MHz
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 6. Off Isolation
Figure 7. Crosstalk
Figure 8. NO/COM Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com