Electronic Components Datasheet Search
  English  ▼

X  

MAX291ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX291ESA
Description  8th-Order, Lowpass, Switched-Capacitor Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX291ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX291ESA Datasheet HTML 1Page - Maxim Integrated Products MAX291ESA Datasheet HTML 2Page - Maxim Integrated Products MAX291ESA Datasheet HTML 3Page - Maxim Integrated Products MAX291ESA Datasheet HTML 4Page - Maxim Integrated Products MAX291ESA Datasheet HTML 5Page - Maxim Integrated Products MAX291ESA Datasheet HTML 6Page - Maxim Integrated Products MAX291ESA Datasheet HTML 7Page - Maxim Integrated Products MAX291ESA Datasheet HTML 8Page - Maxim Integrated Products MAX291ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX291/MAX292/MAX295/MAX296 are easy-to-use,
8th-order, lowpass, switched-capacitor filters that can be
set up with corner frequencies from 0.1Hz to 25kHz
(MAX291/MAX292) or 0.1Hz to 50kHz (MAX295/MAX296).
The MAX291/MAX295 Butterworth filters provide maxi-
mally flat passband response, and the MAX292/MAX296
Bessel filters provide low overshoot and fast settling. All
four filters have fixed responses, so the design task is
limited to selecting the clock frequency that controls the
filter’s corner frequency.
An external capacitor is used to generate a clock using
the internal oscillator, or an external clock signal can be
used. An uncommitted operational amplifier (noninverting
input grounded) is provided for building a continuous-
time lowpass filter for post-filtering or anti-aliasing.
Produced in an 8-pin DIP/SO and a 16-pin wide SO
package, and requiring a minimum of external compo-
nents, the MAX291 series delivers very aggressive per-
formance from a tiny area.
Applications
ADC Anti-Aliasing Filter
Noise Analysis
DAC Post-Filtering
50Hz/60Hz Line-Noise Filtering
Features
o 8th-Order Lowpass Filters:
Butterworth (MAX291/MAX295)
Bessel
(MAX292/MAX296)
o Clock-Tunable Corner-Frequency Range:
0.1Hz to 25kHz (MAX291/MAX292)
0.1Hz to 50kHz (MAX295/MAX296)
o No External Resistors or Capacitors Required
o Internal or External Clock
o Clock to Corner Frequency Ratio:
100:1 (MAX291/MAX292)
50:1 (MAX295/MAX296)
o Low Noise: -70dB THD + Noise (Typ)
o Operate with a Single +5V Supply or
Dual ±5V Supplies
o Uncommitted Op Amp for Anti-Aliasing or Clock-
Noise Filtering
o 8-Pin DIP and SO Packages
8th-Order, Lowpass,
Switched-Capacitor Filters
Ordering Information
Pin Configurations
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
PART
TEMP. RANGE
PIN-PACKAGE
MAX291CPA
MAX291CWE
0°C to +70°C
8 Plastic DIP
MAX291C/D
0°C to +70°C
0°C to +70°C
16 Wide SO
Dice*
MAX291EPA
-40°C to +85°C
8 Plastic DIP
MAX291EWE
MAX291MJA
-55°C to +125°C
-40°C to +85°C
16 Wide SO
8 CERDIP**
GND
OP OUT
OUT
OP IN-
1
2
8
7
IN
V+
V-
CLK
MAX29_
DIP/SO
TOP VIEW
3
4
6
5
16-pin Wide SO at end of data sheet.
MAX291CSA
0°C to +70°C
8 SO
MAX291ESA
-40°C to +85°C
8 SO
+5V
-5V
V+
V-
8
7
1
6
2
4
3
5
CLOCK
CLK
OP IN-
OP OUT
OUT
OUTPUT
INPUT
IN
MAX29_
Typical Operating Circuit
Pin Configuration is 8-pin DIP/SO.
19-4526; Rev 5; 5/10
MAX291/MAX292/
MAX295/MAX296


Similar Part No. - MAX291ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291ESA MAXIM-MAX291ESA Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291ESA MAXIM-MAX291ESA Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
logo
Analog Devices
MAX291ESA AD-MAX291ESA Datasheet
349Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 5; 5/10
More results

Similar Description - MAX291ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com