Electronic Components Datasheet Search
  English  ▼

X  

MAX9111ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9111ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VCC = +3.0V to +3.6V, magnitude of input voltage, |VID| = +0.1V to +1.0V, VCM = |VID|/2 to (2.4V - (|VID|/2)), TA = TMIN to TMAX.
Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Input High Threshold
(Note 3)
VTH
VCM = 0.05V, 1.2V, 2.75V at 3.3V
100
mV
Differential Input Low Threshold
(Note 3)
VTL
VCM = 0.05V, 1.2V, 2.75V at 3.3V
-100
mV
Differential Input Resistance
RDIFF
VCM = 0.2V or 2.2V, VID = ±0.4V,
VCC = 0 or 3.6V
5
18
kΩ
Output High Voltage (OUT_)
VOH
IOH = -4mA
VID = +200mV
2.7
V
Inputs shorted, undriven
2.7
100Ω parallel
termination, undriven
2.7
Output Low Voltage (OUT_)
VOL
IOL = 4mA, VID = -200mV
0.4
Output Short-Circuit Current
IOS
VID = +200mV, VOUT_ = 0
-100
mA
MAX9113ATA/VY+
-120
No-Load Supply Current
ICC
MAX9111
4.2
6
mA
MAX9113
8.7
11
MAX9113ATA/VY+
8.7
16
Electrical Characteristics
MAX9111/MAX9113
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com