Electronic Components Datasheet Search
  English  ▼

X  

A-398E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-398E
Description  ALPHA-NUMERIC DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A-398E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-398E Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-398X
ALPHA-NUMERIC DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-398H
A-398H
GaP
Red
700
2.1
2.8
550
C-398E
A-398E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
1800
C-398G
A-398G
GaP
Green
565
2.1
2.8
1600
C-398Y
A-398Y
GaAsP/GaP Yellow
585
2.1
2.8
1500
C-398SR
A-398SR
GaAlAs
Super Red
660
1.8
2.4
10000
D55
Fig.D55
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - A-398E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-391E ETC-A-391E Datasheet
95Kb / 1P
SINGLE DIGIT DISPLAY
A-391G ETC-A-391G Datasheet
95Kb / 1P
SINGLE DIGIT DISPLAY
A-391H ETC-A-391H Datasheet
95Kb / 1P
SINGLE DIGIT DISPLAY
A-391SR ETC-A-391SR Datasheet
95Kb / 1P
SINGLE DIGIT DISPLAY
A-391Y ETC-A-391Y Datasheet
95Kb / 1P
SINGLE DIGIT DISPLAY
More results

Similar Description - A-398E

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2123-AG MARKTECH-MTAN2123-AG Datasheet
45Kb / 1P
Marktech 2.30 Single Alpha Numeric
MTAN2139-AG MARKTECH-MTAN2139-AG Datasheet
43Kb / 1P
Marktech 0.39 Single Alpha Numeric
MTAN2150-11A MARKTECH-MTAN2150-11A Datasheet
42Kb / 1P
Marktech 0.50 Single Alpha Numeric
MTAN2254-11A MARKTECH-MTAN2254-11A Datasheet
47Kb / 1P
Marktech 0.54 Dual Alpha Numeric
logo
List of Unclassifed Man...
C-2308X ETC-C-2308X Datasheet
87Kb / 1P
ALPHA-NUMERIC DISPLAY
logo
Marktech Corporate
MTAN3180-AUY MARKTECH-MTAN3180-AUY Datasheet
23Kb / 2P
0.8 Single Digit Alpha Numeric Display
logo
List of Unclassifed Man...
C-808H ETC1-C-808H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
C-542H ETC1-C-542H Datasheet
89Kb / 1P
ALPHA-NUMERIC DISPLAY
C-508H ETC1-C-508H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
AAR121 ETC2-AAR121 Datasheet
70Kb / 1P
ALPHA-NUMERIC LED DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com