Electronic Components Datasheet Search
  English  ▼

X  

BIS00RC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00RC
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00RC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00RC Datasheet HTML 1Page - Balluff Korea Ltd. BIS00RC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UHF (860...960 MHz)
BIS U-100-02/CA
Order Code: BIS00RC
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 216031
ETIM 6.0: EC002996
BIS00RC_1.18_2021-05-11
1 / 2
1) Sensing surface, 2) Clear zone, 3) Clear zone surrounding, 4) Tightening torque
Basic features
Antenna type
Dipole
Approval/Conformity
CE
WEEE
EAC
EN 55022
Size 1, Cl. B
Principle of operation
Transponder
Standards
EPCglobal™ Class 1, Gen 2
ISO 18000-6C
Electrical data
Data retention time/years
≥ 10
EN 61000-4-2/3/4/5/6
Severity level 3A/2A/–/–/–
Polarization
linear
Preferred application
902…928 MHz
Programming cycles
up to 25 °C: 100,000
Read cycles
Unlimited
Working frequency
840…960 MHz
Environmental conditions
Ambient temperature
-40...85 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-40...85 °C
Functional Characteristics
EPC memory, read/write
96 Bit
Memory type
EEPROM
TID memory, read-only
96 Bit
User data, read/write
512 Bit
Material
Housing material
PA 12, GF30
Mechanical data
Application weight
18.00 g
Dimension
37.2 x 7 x 127 mm
Installation
metal-free (clear zone)
Remarks
Values are under rated conditions unless otherwise specified.
Torsional, bending and impact loading is not permitted.
For fastening the data carrier on flat metal surfaces use BIS Z-SP-003, Order code: BAM01LW


Similar Part No. - BIS00RC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00RF BALLUFF-BIS00RF Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS00RU BALLUFF-BIS00RU Datasheet
476Kb / 5P
HF (13.56 MHz)
More results

Similar Description - BIS00RC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS013P BALLUFF-BIS013P Datasheet
116Kb / 2P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com