Electronic Components Datasheet Search
  English  ▼

X  

FDMA6676PZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMA6676PZ
Description  MOSFET ??Single, P-Channel, POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA6676PZ Datasheet(HTML) 3 Page - ON Semiconductor

  FDMA6676PZ Datasheet HTML 1Page - ON Semiconductor FDMA6676PZ Datasheet HTML 2Page - ON Semiconductor FDMA6676PZ Datasheet HTML 3Page - ON Semiconductor FDMA6676PZ Datasheet HTML 4Page - ON Semiconductor FDMA6676PZ Datasheet HTML 5Page - ON Semiconductor FDMA6676PZ Datasheet HTML 6Page - ON Semiconductor FDMA6676PZ Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDMA6676PZ
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (continued)
Symbol
Unit
Max.
Typ.
Min.
Test Condition
Parameter
SWITCHING CHARACTERISTICS
Qg
Total Gate Charge
VGS = 0 V to −4.5 V,
VDD = −15 V, ID = −11 A
20
28
nC
Qgs
Gate to Source Charge
VDD = −15 V, ID = −11 A
4.5
nC
Qgd
Gate to Drain “Miller” Charge
VDD = −15 V, ID = −11 A
13
nC
DRAIN−SOURCE DIODE CHARACTERISTICS
VSD
Source to Drain Diode Forward
Voltage
VGS = 0 V, IS = −2 A (Note 2)
−0.7
−1.2
V
VGS = 0 V, IS = −11 A (Note 2)
−0.9
−1.4
V
trr
Reverse Recovery Time
IF = -11 A, di/dt = 100 A/ms
31
50
ns
Qrr
Reverse Recovery Charge
9
18
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. RqJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR−4 material. RqCA is determined
by the user’s board design.
a. 52°C/W when mounted
on a 1 in2 pad of 2 oz copper.
b. 145°C/W when mounted
on a minimum pad of 2 oz copper.
2. Pulse Test: Pulse Width < 300 ms, Duty cycle < 2.0%.
3. Pulse Id refers to Forward Bias Safe Operation Area.
ORDERING INFORMATION
Device Marking
Device
Package
Package Method†
676
FDMA6676PZ
WDFN−6
3000 Tape / Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com