Electronic Components Datasheet Search
  English  ▼

X  

FDMD8540L Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMD8540L
Description  MOSFET ??Dual, N-Channel, POWERTRENCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMD8540L Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDMD8540L Datasheet HTML 3Page - ON Semiconductor FDMD8540L Datasheet HTML 4Page - ON Semiconductor FDMD8540L Datasheet HTML 5Page - ON Semiconductor FDMD8540L Datasheet HTML 6Page - ON Semiconductor FDMD8540L Datasheet HTML 7Page - ON Semiconductor FDMD8540L Datasheet HTML 8Page - ON Semiconductor FDMD8540L Datasheet HTML 9Page - ON Semiconductor FDMD8540L Datasheet HTML 10Page - ON Semiconductor FDMD8540L Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FDMD8540L
www.onsemi.com
7
TYPICAL CHARACTERISTICS (Q2 N−CHANNEL)
(TJ = 25°C unless otherwise noted)
0.0
0.3
0.6
0.9
0
30
60
90
120
150
VGS = 4.5 V
VGS = 4 V
VGS = 6 V
DUTY CYCLE = 0.5% MAX
VGS = 3.5 V
VGS = 10 V
0
30
60
90
120
150
0.0
1.5
3.0
4.5
6.0
VGS = 4 V
DUTY CYCLE = 0.5% MAX
VGS = 6 V
VGS = 4.5 V
VGS = 3.5 V
VGS = 10 V
−75 −50 −25
0
25
50
75
100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
ID = 33 A
VGS = 10 V
26
10
0
3
6
9
12
TJ = 125°C
ID = 33 A
TJ = 25°C
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
1
0
30
60
90
120
150
TJ = 150°C
VDS = 5 V
DUTY CYCLE = 0.5% MAX
TJ
TJ = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
300
TJ = −55°C
TJ
TJ = 150°C
VGS = 0 V
= −55°C
23
4
5
= 25°C
59
4
37
8
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
VGS, GATE TO SOURCE VOLTAGE (V)
VSD, BODY DIODE FORWARD VOLTAGE (V)
ID, DRAIN CURRENT (A)
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 14. On−Region Characteristics
Figure 15. Normalized On−Resistance
vs. Drain Current and Gate Voltage
Figure 16. Normalized On Resistance
vs. Junction Temperature
Figure 17. On−Resistance vs. Gate to
Source Voltage
Figure 18. Transfer Characteristics
Figure 19. Source to Gate Diode
Forward Voltage vs. Source Current
PULSE DURATION = 80 ms
PULSE DURATION = 80 ms
PULSE DURATION = 80 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com