Electronic Components Datasheet Search
  English  ▼

X  

3720 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3720
Description  One-way flow control valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3720 Datasheet(HTML) 1 Page - Festo Corporation.

  3720 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
One-way flow control valve
GR-1/2
Part number: 3720
Data sheet
Feature
Value
Type code
GR
Valve function
Flow control non-return function
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Adjusting element
Knurled screw
Type of mounting
With through-hole
Standard nominal flow rate in flow control direction
1620 l/min
Standard nominal flow rate in non-return direction
2760 l/min
Operating pressure
0.1 bar ... 10 bar
Ambient temperature
-20 °C ... 75 °C
Housing material
Die-cast zinc
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Mounting position
Any
Symbol
00991453
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 75 °C
Product weight
517 g
Note on materials
RoHS-compliant
Material of adjusting screw
Brass
11/3/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 3720

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3720 ADAFRUIT-3720 Datasheet
216Kb / 2P
Solar Digital Calipers
2-12-18
logo
List of Unclassifed Man...
37200 ETC2-37200 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
logo
Wixroyd Group Ltd
37200 WIXROYD-37200 Datasheet
216Kb / 1P
Thin Head Thumb Screws 303 series stainless
37200.W0001 WIXROYD-37200.W0001 Datasheet
216Kb / 1P
Thin Head Thumb Screws 303 series stainless
37200.W0002 WIXROYD-37200.W0002 Datasheet
216Kb / 1P
Thin Head Thumb Screws 303 series stainless
More results

Similar Description - 3720

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
175041 FESTO-175041 Datasheet
96Kb / 1P
One-way flow control valve
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com