Electronic Components Datasheet Search
  English  ▼

X  

6509 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 6509
Description  One-way flow control valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

6509 Datasheet(HTML) 1 Page - Festo Corporation.

  6509 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
One-way flow control valve
GRA-1/4-B
Part number: 6509
Data sheet
Feature
Value
Type code
GRA
Valve function
Flow control non-return function
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Adjusting element
Knurled screw
Type of mounting
Optionally:
Front panel mounting
With through-hole
Standard nominal flow rate in flow control direction
420 l/min
Standard nominal flow rate in non-return direction
780 l/min
Operating pressure
0.1 bar ... 10 bar
Ambient temperature
-20 °C ... 75 °C
Housing material
Die-cast zinc
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Mounting position
Any
Symbol
00991453
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 75 °C
Product weight
180 g
Note on materials
RoHS-compliant
Material of adjusting screw
Brass
11/3/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 6509

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
650930 MACOM-650930 Datasheet
145Kb / 1P
PIN ASSEMBLY, EUROCARD, TYPE R
650930-5 MACOM-650930-5 Datasheet
145Kb / 1P
PIN ASSEMBLY, EUROCARD, TYPE R
650930-9 MACOM-650930-9 Datasheet
145Kb / 1P
PIN ASSEMBLY, EUROCARD, TYPE R
logo
Microsemi Corporation
6509A MICROSEMI-6509A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6509A MICROSEMI-6509A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
More results

Similar Description - 6509

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
175041 FESTO-175041 Datasheet
96Kb / 1P
One-way flow control valve
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com