Electronic Components Datasheet Search
  English  ▼

X  

74ABT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button 74ABT Datasheet HTML 6Page - National Semiconductor (TI) 74ABT Datasheet HTML 7Page - National Semiconductor (TI) 74ABT Datasheet HTML 8Page - National Semiconductor (TI) 74ABT Datasheet HTML 9Page - National Semiconductor (TI) 74ABT Datasheet HTML 10Page - National Semiconductor (TI) 74ABT Datasheet HTML 11Page - National Semiconductor (TI) 74ABT Datasheet HTML 12Page - National Semiconductor (TI) 74ABT Datasheet HTML 13Page - National Semiconductor (TI) 74ABT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AC Loading
TLF11547 – 4
Includes jig and probe capacitance
FIGURE 1 Standard AC Test Load
TLF11547 – 6
FIGURE 2a Test Input Signal Levels
Amplitude
Rep Rate
tw
tr
tf
30V
1 MHz
500 ns
25 ns
25 ns
FIGURE 2b Test Input Signal Requirements
TLF11547 – 8
FIGURE 3 Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
TLF11547 – 5
FIGURE 4 Propagation Delay
Pulse Width Waveforms
TLF11547 – 7
FIGURE 5 TRI-STATE Output HIGH
and LOW Enable and Disable Times
TLF11547 – 9
FIGURE 6 Setup Time Hold Time
and Recovery Time Waveforms
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com