| Electronic Components Datasheet Search |
|
S3C852B Datasheet(PDF) 3 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S3C852B Datasheet(HTML) 3 Page - Samsung semiconductor |
|
3 / 383 page ![]() S3C852B/P852B MICROCONTROLLER iii Preface The S3C852B/P852B Microcontroller User's Manual is designed for application designers and programmers who are using the S3C852B/P852B microcontroller for application development. It is organized in two main parts: Part I Programming Model Part II Hardware Descriptions Part I contains software-related information to familiarize you with the microcontroller's architecture, programming model, instruction set, and interrupt structure. It has six chapters: Chapter 1 Product Overview Chapter 2 Address Spaces Chapter 3 Addressing Modes Chapter 4 Control Registers Chapter 5 Interrupt Structure Chapter 6 Instruction Set Chapter 1, "Product Overview," is a high-level introduction to S3C851B/P851B with general product descriptions, as well as detailed information about individual pin characteristics and pin circuit types. Chapter 2, "Address Spaces," describes program and data memory spaces, the internal register file, and register addressing. Chapter 2 also describes working register addressing, as well as system stack and user-defined stack operations. Chapter 3, "Addressing Modes," contains detailed descriptions of the addressing modes that are supported by the S3C8-series CPU. Chapter 4, "Control Registers," contains overview tables for all mapped system and peripheral control register values, as well as detailed one-page descriptions in a standardized format. You can use these easy-to-read, alphabetically organized, register descriptions as a quick-reference source when writing programs. Chapter 5, "Interrupt Structure," describes the S3C852B/P852B interrupt structure in detail and further prepares you for additional information presented in the individual hardware module descriptions in Part II. Chapter 6, "Instruction Set," describes the features and conventions of the instruction set used for all KS88-series microcontrollers. Several summary tables are presented for orientation and reference. Detailed descriptions of each instruction are presented in a standard format. Each instruction description includes one or more practical examples of how to use the instruction when writing an application program. A basic familiarity with the information in Part I will help you to understand the hardware module descriptions in Part II. If you are not yet familiar with the S3C8-series microcontroller family and are reading this manual for the first time, we recommend that you first read Chapters 1–3 carefully. Then, briefly look over the detailed information in Chapters 4, 5, and 6. Later, you can reference the information in Part I as necessary. Part II "hardware Descriptions," has detailed information about specific hardware components of the S3C851B/P851B microcontroller. Also included in Part II are electrical, mechanical, and OTP. It has 13 chapters: Chapter 7 Clock Circuits Chapter 8 RESET and Power-Down Chapter 9 I/O Ports Chapter 10 Basic Timer and Timer 0 Chapter 11 Timer 1 Chapter 12 Watch Timer Chapter 13 Serial I/O Port Chapter 14 Caller ID Block Chapter 15 A/D Converter Chapter 16 Extermal Interface Chapter 17 Electrical Data Chapter 18 Mechanical Data Chapter 19 S3P852B OTP Two order forms are included at the back of this manual to facilitate customer order for S3C852B/P852B microcontrollers: the Mask ROM Order Form, and the Mask Option Selection Form. You can photocopy these forms, fill them out, and then forward them to your local Samsung Sales Representative. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |