Electronic Components Datasheet Search
  English  ▼

X  

MAX12900 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12900
Description  Ultra-Low-Power 4-20mA Sensor Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12900 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12900 Datasheet HTML 1Page - Maxim Integrated Products MAX12900 Datasheet HTML 2Page - Maxim Integrated Products MAX12900 Datasheet HTML 3Page - Maxim Integrated Products MAX12900 Datasheet HTML 4Page - Maxim Integrated Products MAX12900 Datasheet HTML 5Page - Maxim Integrated Products MAX12900 Datasheet HTML 6Page - Maxim Integrated Products MAX12900 Datasheet HTML 7Page - Maxim Integrated Products MAX12900 Datasheet HTML 8Page - Maxim Integrated Products MAX12900 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
VCCI = +3.0V to +5.5V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C, VCCI = +3.3V.
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE 2.5V
STATIC
Supply Voltage
VCCI
Guaranteed by line regulation test
3.0
5.5
V
VCCI Line Regulation
∆VREF/
∆VCCI
3.0V ≤ VCCI ≤ 5.5V
20
140
µV/V
VCC Line Regulation
∆VREF/
∆VCC
4.3V ≤ VCC ≤ 36V, VCCI = 3.3V
1.2
nV/V
Output Voltage
VOUT
TA = +25°C
2.495
2.500
2.505
V
Output Voltage
Temperature Coefficient
TCVOUT
CREF = 2nF (Note 2)
2
10
ppm/°C
Temperature Hysteresis
∆VREF/
Cycle
CREF = 2nF
-140
ppm
Load Regulation
∆VREF/
∆IOUT
Sourcing 0V ≤ IOUT ≤ 500 µA
0.14
0.6
µV/µA
Short-Circuit Current
ISC
Short to GND
3
mA
Maximum Capacitive
Load
CREF
2
nF
DYNAMIC
VCCI Ripple Rejection
VREF/
VCCI
VCCI = 3.3V, f = 120Hz
90
dB
VCC Ripple Rejection
VREF/
VCC
VCC = 12V, VCCI = 3.3V, f = 120Hz
160
dB
Turn-On Settling Time
tR
From 90% of VCCI to within 0.1% of VREF,
CREF = 2nF
85
µs
Noise Voltage
eREF
0.1Hz to 10Hz
40
µVp-p
10Hz to 10kHz
125
µVRMS
MAX12900
Ultra-Low-Power 4-20mA Sensor Transmitter
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics
Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com