Electronic Components Datasheet Search
  English  ▼

X  

MAX9621 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9621 Datasheet HTML 1Page - Maxim Integrated Products MAX9621 Datasheet HTML 2Page - Maxim Integrated Products MAX9621 Datasheet HTML 3Page - Maxim Integrated Products MAX9621 Datasheet HTML 4Page - Maxim Integrated Products MAX9621 Datasheet HTML 5Page - Maxim Integrated Products MAX9621 Datasheet HTML 6Page - Maxim Integrated Products MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BAT to GND...........................................................-0.3V to +60V
ISET to BAT..........................................................-2.0V to +0.3V
IN1, IN2 to GND ................ -3V to lower of +60V or (VBAT + 1V)
AOUT1, DOUT1, AOUT2, DOUT2,
SLEEP
to GND....................................................-0.3V to +6V
Short-Circuit Duration
AOUT1, DOUT1, AOUT2, DOUT2 to GND
or to 5.5V (individually)........................................Continuous
Current In to IN1, IN2.....................................................±100mA
Current In to Any Other Pin..............................................±20mA
Continuous Power Dissipation for a Single-Layer Board
(TA = +70ºC)
10-Pin μMAX (derate 5.6mW/ºC) above +70ºC .......444.4mW
Continuous Power Dissipation for a Multilayer Board
(TA = +70ºC)
10-Pin μMAX (derate 8.9mW/ºC) above +70ºC .......715.6mW
Operating Temperature Range..........................-40ºC to +125ºC
Junction Temperature......................................................+150ºC
Storage Temperature Range.............................-65ºC to +160ºC
Lead Temperature (soldering, 10s) .................................+300ºC
Soldering Temperature (reflow).......................................+260ºC
PACKAGE TYPE: 10 µMAX
Package Code
U10+2
Outline Number
21-0061
Land Pattern Number
90-0330
THERMAL RESISTANCE, FOUR-LAYER BOARD:
Junction to Ambient (θJA)
112°C/W
Junction to Case (θJC)
37°C/W
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com