Electronic Components Datasheet Search
  English  ▼

X  

BCRT-APC Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # BCRT-APC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-APC Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button BCRT-APC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 18Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
RTI-15
Legend for TYPE and ACTIVE fields:
TI = TTL input
TUI = TTL input (pull-up)
TDI = TTL input (pull-down)
TO = TTL output
TTO = Three-state TTL output
TTB = Three-state TTL bidirectional
[ ] - Values in parentheses indicate the initialized state of
output pin.
DATA BUS
NAME
PIN NUMBER
TYPE
ACTIVE
DESCRIPTION
LCC
PGA
DATA I/O 15
53
A11
TTB
--
Bit 15 (MSB) of the bidirectional Data
bus.
DATA I/O 14
55
A10
TTB
--
Bit 14 of the bidirectional Data bus.
DATA I/O 13
57
A9
TTB
--
Bit 13 of the bidirectional Data bus.
DATA I/O 12
59
A8
TTB
--
Bit 12 of the bidirectional Data bus.
DATA I/O 11
61
B6
TTB
--
Bit 11 of the bidirectional Data bus.
DATA I/O 10
63
C7
TTB
--
Bit 10 of the bidirectional Data bus.
DATA I/O 9
65
A6
TTB
--
Bit 9 of the bidirectional Data bus.
DATA I/O 8
66
A5
TTB
--
Bit 8 of the bidirectional Data bus.
DATA I/O 7
67
B5
TTB
--
Bit 7 of the bidirectional Data bus.
DATA I/O 6
68
C5
TTB
--
Bit 6 of the bidirectional Data bus.
DATA I/O 5
69
A4
TTB
--
Bit 5 of the bidirectional Data bus.
DATA I/O 4
70
B4
TTB
--
Bit 4 of the bidirectional Data bus.
DATA I/O 3
71
A3
TTB
--
Bit 3 of the bidirectional Data bus.
DATA I/O 2
72
A2
TTB
--
Bit 2 of the bidirectional Data bus.
DATA I/O 1
73
B3
TTB
--
Bit 1 of the bidirectional Data bus.
DATA I/O 0
74
A1
TTB
--
Bit 0 (LSB) of the bidirectional Data bus.
INPUT ADDRESS BUS
NAME
PIN NUMBER
TYPE
ACTIVE
DESCRIPTION
LCC
PGA
ADDR IN 10
75
B2
TI
--
Bit 10 (MSB) of the Address Input bus.
ADDR IN 9
77
B1
TI
--
Bit 9 of the Address Input bus.
ADDR IN 8
79
D2
TI
--
Bit 8 of the Address Input bus.
ADDR IN 7
81
F2
TI
--
Bit 7 of the Address Input bus.
ADDR IN 6
83
E1
TI
--
Bit 6 of the Address Input bus.
ADDR IN 5
1
F3
TI
--
Bit 5 of the Address Input bus.
ADDR IN 4
3
G1
TI
--
Bit 4 of the Address Input bus.
ADDR IN 3
5
G3
TI
--
Bit 3 of the Address Input bus.
ADDR IN 2
7
H2
TI
--
Bit 2 of the Address Input bus.
ADDR IN 1
9
K1
TI
--
Bit 1 of the Address Input bus.
ADDR IN 0
13
K3
TI
--
Bit 0 (LSB) of the Address Input bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com