Electronic Components Datasheet Search
  English  ▼

X  

BCRT-GPC Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # BCRT-GPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-GPC Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button BCRT-GPC Datasheet HTML 19Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 20Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 21Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 22Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 23Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 24Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 25Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 26Page - List of Unclassifed Manufacturers BCRT-GPC Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
RTI-23
6.0 AC ELECTRICAL CHARACTERISTICS 3, 4
(Over recommended operating conditions)
to data valid
to high Z
to response
↑
to response
↓
to response
↓
INPUT
↑
INPUT
↑
INPUT
↓
INPUT
↓
INPUT
↓
INPUT
↑
INPUT
↓
to high Z
to data valid
INPUT
↑
to response
↑
PARAMETER
SYMBOL
BUS
OUTPUT
OUT-OF-PHASE
OUTPUT
IN-PHASE
INPUT
Notes:
1. Timing measurements made at (VIH MIN + VIL MAX)/2.
2. Timing measurements made at (VOL MAX + VOH MIN)/2.
3. Based on 50pF load.
12
1
2
1
2
VIH MIN
VIL MAX
VIH MIN
VIL MAX
VOH MIN
VOL MAX
VOH MIN
VOL MAX
VOH MIN
VOL MAX
ta
tb
tc
td
te
tf
tg
th
ta
tb
tc
td
te
tf
tg
th
Figure 9a. Typical Timing Measurements
90%
Figure 9b. AC Test Loads and Input Waveforms
Note:
30pF including scope probe and test socket
Input Pulses
10%
10%
90%
< 2ns
< 2ns
50pF
3V
0V
5V
∑
IREF (source)
VREF
IREF (sink)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com