Electronic Components Datasheet Search
  English  ▼

X  

BCRT-WPC Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # BCRT-WPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WPC Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button BCRT-WPC Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 48Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 49Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 50Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 51Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
ORDERING INFORMATION
UT1553B RTI Remote Terminal Interface:
Lead Finish:
(A) =
Solder
(C) =
Gold
(X) =
Optional
Case Outline:
(Z)
=
84 pin PGA
Class Designator:
(B) =
Jan Class Q
Device Type
01 = 10% to 35% Clock Duty Cycle
Drawing Number: JM38510/555
Total Dose:
(-)
=
None
Federal Stock Class Designator: No options
5962
*
*
*
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com