Electronic Components Datasheet Search
  English  ▼

X  

BCRT-GCX Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # BCRT-GCX
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-GCX Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button BCRT-GCX Datasheet HTML 14Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 15Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 18Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 19Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 20Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 21Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
RTI-18
BIPHASE OUTPUTS
NAME
PIN NUMBER
DESCRIPTION
LCC
PGA
BIPHASE OUT A Z
28
K8
TO
--
Transmitter - Channel A, Zero Output. This
Manchester-encoded data output is connected
to the 1553 bus transmitter input. The output is
idle low.
BIPHASE OUT A O
27
L8
TO
--
Transmitter - Channel A, One Output. This
output is the complement of BIPHASE OUT
A Z. The output is idle low.
BIPHASE OUT B Z
30
L10
TO
--
Transmitter - Channel B, Zero Output. This
Manchester-encoded data output is connected
to the 1553 bus transmitter. The output is idle
low.
BIPHASE OUT B O
32
L11
TO
--
Transmitter - Channel B, One Output. This
output is the complement of BIPHASE OUT
B Z. The output is idle low.
MASTER RESET AND CLOCK
NAME
PIN NUMBER
DESCRIPTION
LCC
PGA
MRST
40
G10
TUI
AL
Master Reset. Initializes all internal functions of the
RTI. MRST must be asserted 500 nanoseconds
before normal RTI operation. (500ns minimum).
12MHz
35
K11
TI
--
12MHz Input Clock. This is the RTI system clock
that requires an accuracy greater than 0.01% with a
duty cycle from 50%
±10%.
2MHz
24
L7
TO
--
2MHz Clock Output. This is a 2MHz output gener-
ated by the 12MHz input clock. This clock is
stopped when MRST is low.
POWER AND GROUND
NAME
PIN NUMBER
DESCRIPTION
LCC
PGA
VDD
54
B10
PWR
--
+5VDC. Power supply must be +5VDC ±10%.
VSS
12
42
K2
F10
GND
GND
--
--
Ground reference. Zero VDC logic ground.
TYPE
ACTIVE
TYPE
ACTIVE
TYPE
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com