Electronic Components Datasheet Search
  English  ▼

X  

BIS002K Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS002K
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS002K Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS002K Datasheet HTML 1Page - Balluff Korea Ltd. BIS002K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (70/455 kHz)
BIS C-190-05/L
Order Code: BIS002K
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 125962
ETIM 6.0: EC002996
BIS002K_0.15_2019-01-21
1 / 2
1) Sensing surface, 2) Do not use at same time, 3) Clear zone, 4) Tightening torque, 5) Cut-out
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
EN 55011
Size 1, Cl. A
Principle of operation
Data carrier
Electrical data
Memory organization
32 × 8 bits
Programming cycles
up to 70 °C: 500,000
up to 30 °C: 1,000,000
Programming time
for 1x8 bits: 0.3s
for 32x8 bits: 0.6s
Read cycles
Unlimited
Read time
for 32x8 bits: 0.19 s
Environmental conditions
Ambient temperature
-30...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP68
Storage temperature
-30...85 °C
Functional Characteristics
Memory type
EEPROM
User data, read/write
1023 Byte
Functional safety
MTTF (40 °C)
740 a
Material
Housing material
PBT


Similar Part No. - BIS002K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0021 BALLUFF-BIS0021 Datasheet
103Kb / 2P
LF (70/455 kHz)
1.18_2021-05-08
BIS0028 BALLUFF-BIS0028 Datasheet
107Kb / 2P
LF (70/455 kHz)
3.18_2021-07-14
BIS002A BALLUFF-BIS002A Datasheet
107Kb / 2P
LF (70/455 kHz)
BIS002E BALLUFF-BIS002E Datasheet
115Kb / 2P
LF (70/455 kHz)
BIS002N BALLUFF-BIS002N Datasheet
119Kb / 2P
LF (70/455 kHz)
More results

Similar Description - BIS002K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00L4 BALLUFF-BIS00L4 Datasheet
175Kb / 3P
LF (70/455 kHz)
BAE0095 BALLUFF-BAE0095 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAE0096 BALLUFF-BAE0096 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BIS000K BALLUFF-BIS000K Datasheet
112Kb / 2P
LF (70/455 kHz)
BIS000M BALLUFF-BIS000M Datasheet
102Kb / 2P
LF (70/455 kHz)
BIS000N BALLUFF-BIS000N Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS00AZ BALLUFF-BIS00AZ Datasheet
142Kb / 3P
LF (70/455 kHz)
BIS00J4 BALLUFF-BIS00J4 Datasheet
108Kb / 2P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com