Electronic Components Datasheet Search
  English  ▼

X  

BIS002P Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS002P
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS002P Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS002P Datasheet HTML 1Page - Balluff Korea Ltd. BIS002P Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (70/455 kHz)
BIS C-191-05/L
Order Code: BIS002P
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 126780
ETIM 6.0: EC002996
BIS002P_3.2_2021-09-15
2 / 2
Mechanical data
Application weight
10.00 g
Dimension
24 x 21 x 24 mm
Installation
metal-free (clear zone)
Remarks
For installation in metal: Observe clear zone.
Values are under rated conditions unless otherwise specified.
On the last page only 31x8 bits are usable.
For installation requirements see corresponding read/write head.
IP68 tested according to BWN Pr 36
Time specification includes data check.
Only together with converter BIS C-901 or BIS C-6xx and the appropriate read/write head.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com