Electronic Components Datasheet Search
  English  ▼

X  

BIS003C Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS003C
Description  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS003C Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS003C Datasheet HTML 1Page - Balluff Korea Ltd. BIS003C Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (125 kHz)
BIS L-102-05/L-RO
Order Code: BIS003C
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 145189
ETIM 6.0: EC002996
BIS003C_5.2_2021-06-18
1 / 2
1) Sensing surface, 2) Clear zone, 3) see corresponding R/W head, 4) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
WEEE
EAC
EN 55011
Size 1, Cl. A
EN 55022
Size 1, Cl. B
Principle of operation
Data carrier
Electrical data
Data retention time/years
≥ 10
Memory organization
48 × 4 bits
Programming cycles
≥ 100.000
Programming time
for 4 bytes: 0.305s
Read cycles
Unlimited
Read time
for 4 bytes: 0.18 s
Environmental conditions
Ambient temperature
-25...85 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67, 1 m, 30 min
Storage temperature
-40...95 °C
Functional Characteristics
Memory type
EEPROM
UID serial number, read-only
5 Byte
Material
Housing material
Epoxy-resin/fiberglass, GF
Mechanical data
Application weight
6.50 g
Dimension
Ø 50 x 1.6 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
For installation in metal: Observe clear zone.
a) Hygroscopicity The hygroscopicity of the cured material depends heavily on the ambient temperature. Saturation in water at +20 °C / 6 days = 0.3 %
Saturation in water at +70 °C / 3 days = 3.0 %


Similar Part No. - BIS003C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0033 BALLUFF-BIS0033 Datasheet
102Kb / 2P
LF (125 kHz)
3.12_2021-03-29
BIS0034 BALLUFF-BIS0034 Datasheet
102Kb / 2P
LF (125 kHz)
3.14_2021-03-29
BIS0036 BALLUFF-BIS0036 Datasheet
102Kb / 2P
LF (125 kHz)
3.1_2021-03-29
BIS0037 BALLUFF-BIS0037 Datasheet
102Kb / 2P
LF (125 kHz)
3.14_2021-09-01
BIS0038 BALLUFF-BIS0038 Datasheet
102Kb / 2P
LF (125 kHz)
5.2_2021-06-18
More results

Similar Description - BIS003C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
BIS00ZY BALLUFF-BIS00ZY Datasheet
107Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com