Electronic Components Datasheet Search
  English  ▼

X  

BIS003F Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS003F
Description  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS003F Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS003F Datasheet HTML 1Page - Balluff Korea Ltd. BIS003F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (125 kHz)
BIS L-103-05/L-RO
Order Code: BIS003F
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 145190
ETIM 6.0: EC002996
BIS003F_5.22_2021-06-18
1 / 2
1) Sensing surface, 2) Clear zone, 3) see corresponding R/W head
Basic features
Antenna type
round
Approval/Conformity
CE
WEEE
EAC
EN 55011
Size 1, Cl. A
EN 55022
Size 1, Cl. B
Principle of operation
Data carrier
Electrical data
Data retention time/years
≥ 10
Memory organization
48 × 4 bits
Programming cycles
≥ 100.000
Programming time
for 4 bytes: 0.305s
Read cycles
Unlimited
Read time
for 4 bytes: 0.18 s
Environmental conditions
Ambient temperature
-25...85 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP68, 1 m, 24 h, 20 °C
Storage temperature temporary
-40...130 °C 1x1000 h
Functional Characteristics
Memory type
EEPROM
UID serial number, read-only
5 Byte
Material
Housing material
PPS, EP
Mechanical data
Application weight
0.80 g
Dimension
Ø 12.4 x 2 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
Values are under rated conditions unless otherwise specified.
Data carriers programmed to customer specification. For use only together with read system L-4xx. Marking of the customer and programming data is only
on the packaging, not on the data carrier. After delivery the customer is responsible for documenting the programming data himself.


Similar Part No. - BIS003F

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0033 BALLUFF-BIS0033 Datasheet
102Kb / 2P
LF (125 kHz)
3.12_2021-03-29
BIS0034 BALLUFF-BIS0034 Datasheet
102Kb / 2P
LF (125 kHz)
3.14_2021-03-29
BIS0036 BALLUFF-BIS0036 Datasheet
102Kb / 2P
LF (125 kHz)
3.1_2021-03-29
BIS0037 BALLUFF-BIS0037 Datasheet
102Kb / 2P
LF (125 kHz)
3.14_2021-09-01
BIS0038 BALLUFF-BIS0038 Datasheet
102Kb / 2P
LF (125 kHz)
5.2_2021-06-18
More results

Similar Description - BIS003F

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003C BALLUFF-BIS003C Datasheet
105Kb / 2P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com