Electronic Components Datasheet Search
  English  ▼

X  

BIS01CL Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS01CL
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS01CL Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS01CL Datasheet HTML 1Page - Balluff Korea Ltd. BIS01CL Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UHF (860...960 MHz)
BIS U-304-C1-TNCB
Order Code: BIS01CL
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 273188
ETIM 6.0: EC002996
BIS01CL_1.12_2021-03-30
2 / 2
For safety reasons, no people should be in the vicinity of the antenna longer (for several hours). When determining the mounting position of the antenna,
the minimum distance of 30 cm between the UHF antenna and the workplace must be maintained.
Attention: Use a minimum cable length of 10 meters!
Technical Drawings
1) Radiation diagram horizontal
2) Radiation diagram vertical



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com