Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8330
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8330 Datasheet HTML 16Page - Analog Devices LT8330 Datasheet HTML 17Page - Analog Devices LT8330 Datasheet HTML 18Page - Analog Devices LT8330 Datasheet HTML 19Page - Analog Devices LT8330 Datasheet HTML 20Page - Analog Devices LT8330 Datasheet HTML 21Page - Analog Devices LT8330 Datasheet HTML 22Page - Analog Devices LT8330 Datasheet HTML 23Page - Analog Devices LT8330 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8334
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
R2
71.5k
R3
20.0k
R4
51k
L1A
2.2µH
L1B
2.2µH
C1
22µF
C2
22µF
×3
C3
4.7µF
C4
0.1µF
C5
680pF
C6
1µF
D1
C7
4.7pF
R1
VIN
2.8V TO 26V
D1: NEXPERIA PMEG4030ER
L1A, L1B: EATON DRQ74-2R2-R
VOUT
–12V
1.2A AT VIN = 5V
2A
AT VIN = 12V
2.5A AT VIN = 24V
RT
SS
GND
SYNC/MODE
VC
LT8334
EN/UVLO
INTVCC
BIAS
FBX
VIN
SW
2MHz
1M
8334 TA05a
VIN = 5V
VIN = 12V
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
50
55
60
65
70
75
80
85
90
95
100
8334 TA05a
2MHz, 2.8V to 26V Input, –12V Inverting Converter
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com