Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8335
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8334
9
Rev. 0
For more information www.analog.com
ACHIEVING ULTRALOW QUIESCENT CURRENT
To enhance efficiency at light loads, the LT8334 uses a
low ripple Burst Mode architecture. This keeps the out-
put capacitor charged to the desired output voltage while
minimizing the input quiescent current and output ripple.
In Burst Mode operation, the LT8334 delivers single small
pulses of current to the output capacitor followed by sleep
periods where the output power is supplied by the output
capacitor. While in sleep mode, the LT8334 consumes
only 9µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage
of time the LT8334 is in sleep mode increases, resulting
in much higher light load efficiency than for typical con-
verters. To optimize the quiescent current performance
at light loads, the current in the feedback resistor divider
must be minimized as it appears to the output as load
current. In addition, all possible leakage currents from
the output should also be minimized as they all add to the
equivalent output load. The largest contributor to leakage
current can be due to the reverse biased leakage of the
Schottky diode (see Diode Selection in the Applications
Information section).
FRONT PAGE APPLICATION
VIN = 6V
VOUT = 24V
LOAD CURRENT(mA)
0 10 20 30 40 50 60 70 80 90 100
0
0.5
1.0
1.5
2.0
2.5
8334 F01
Figure 1. Burst Frequency vs Load Current
While in Burst Mode operation, the current limit of the
switch is approximately 1.25A resulting in the output
voltage ripple shown in Figure 2. Increasing the output
capacitance will decrease the output ripple proportionally.
As the output load ramps upward from zero the switching
APPLICATIONS INFORMATION
frequency will increase but only up to the fixed frequency
defined by the resistor at the RT pin as shown in Figure 1.
The output load at which the LT8334 reaches the fixed
frequency varies based on input voltage, output voltage,
and inductor choice.
10µs/DIV
IL
1A/DIV
VOUT
5mV/DIV
8334 F02
Figure 2. Burst Mode Operation
PROGRAMMING INPUT TURN-ON AND TURN-OFF
THRESHOLDS WITH EN/UVLO PIN
The EN/UVLO pin voltage controls whether the LT8334 is
enabled or is in a shutdown state. A 1.6V reference and
a comparator A6 with built-in hysteresis (typical 80mV)
allow the user to accurately program the system input
voltage at which the IC turns on and off (see the Block
Diagram). The typical input-falling and input-rising thresh-
old voltages can be calculated with Equation 1.
VIN(FALLING,UVLO(–)) = 1.60 •
R3 + R4
R4
VIN(RISING, UVLO(+)) = 1.68 •
R3 + R4
R4
(1)
VIN current is reduced below 1µA when the EN/UVLO pin
voltage is less than 0.2V. The EN/UVLO pin can be con-
nected directly to the input supply VIN for always-enabled
operation. A logic input can also control the EN/UVLO pin.
When operating in Burst Mode operation for light load
currents, the current through the R3 and R4 network can
easily be greater than the supply current consumed by the
LT8334. Therefore, R3 and R4 should be large enough to
minimize their effect on efficiency at light loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com