Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8494
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8494 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8494 Datasheet HTML 13Page - Analog Devices LT8494 Datasheet HTML 14Page - Analog Devices LT8494 Datasheet HTML 15Page - Analog Devices LT8494 Datasheet HTML 16Page - Analog Devices LT8494 Datasheet HTML 17Page - Analog Devices LT8494 Datasheet HTML 18Page - Analog Devices LT8494 Datasheet HTML 19Page - Analog Devices LT8494 Datasheet HTML 20Page - Analog Devices LT8494 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8334
17
Rev. 0
For more information www.analog.com
and the peak switch current is given by Equation 23.
ISW(PEAK) = 1 +
χ
2
⎛
⎝
⎜
⎞
⎠
⎟ • IO(MAX) •
1
1 − DMAX
(23)
The constant c in the preceding equations rep-
resents the percentage peak-to-peak ripple current in the
switch, relative to ISW(MAX)(AVG), as shown in Figure 7.
Then, the switch ripple current ∆ISW can be calculated
with Equation 24.
∆ISW = χ • ISW(MAX)(AVG)
(24)
The inductor ripple currents ∆IL1 and ∆IL2 are identi-
cal (Equation 25).
∆IL1 = ∆IL2 = 0.5 • ∆ISW
(25)
8334 07
ISW =  • ISW(MAX)(AVG)
ISW
t
DTS
ISW(MAX)(AVG)
TS
Figure 7. The Switch Current Waveform of the SEPIC Converter
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
∆IL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ∆IL allows the use of low
inductances but results in higher input current ripple and
greater core losses. It is recommended that c falls in the
range of 0.5 to 0.8.
Due to the current limit of its internal power switch, the
LT8334 should be used in a SEPIC converter whose max-
imum output current (IO(MAX)) is given by Equation 26.
IO(MAX) < (1 – DMAX) • (5A – 0.5 • ∆ISW) • η (26)
where η (< 1.0) is the converter efficiency. Minimum
possible inductor value and switching frequency should
also be considered since they will increase inductor ripple
current ∆ISW.
Given an operating input voltage range, and having cho-
sen ripple current in the inductor, the inductor value
(L1 and L2 are independent) of the SEPIC converter can
be determined with Equation 27.
L1 = L2 =
VIN(MIN)
0.5 • ΔISW • fOSC
• DMAX
(27)
For most SEPIC applications, the equal inductor values
will fall in the range of 2.2µH to 100µH.
By making L1 = L2, and winding them on the same core,
the value of inductance in Equation 27 is replaced by 2L,
due to mutual inductance (Equation 28).
L =
VIN(MIN)
ΔISW • fOSC
• DMAX
(28)
This maintains the same ripple current and energy stor-
age  n the inductors. The peak inductor currents are given
by Equation 29.
IL1(PEAK) = IL1(MAX) + 0.5 • ∆IL1
IL2(PEAK) = IL2(MAX) + 0.5 • ∆IL2
(29)
The maximum RMS inductor currents are approximately
equal to the maximum average inductor currents.
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
Similar to boost converters, the SEPIC converter also
needs slope compensation to prevent subharmonic
oscillations while operating in CCM. The Equation 9 pre-
sented in the Boost Converter: Switch Duty Cycle section
defines the minimum inductance value to avoid subhar-
monic oscillations when coupled inductors are used. For
uncoupled inductors, the minimum inductance require-
ment is doubled.
SEPIC Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with a low
forward drop and low reverse leakage is desirable. The
average forward current in normal operation is equal to
the output current.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com