Electronic Components Datasheet Search
  English  ▼

X  

LTC4238IGN#PBF Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4238IGN#PBF
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4238IGN#PBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4238IGN#PBF Datasheet HTML 17Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 18Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 19Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 20Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 21Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 22Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 23Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 24Page - Analog Devices LTC4238IGN#PBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4238
21
Rev. 0
For more information www.analog.com
(b) Normal Start-Up Waveform
(c) Start-Up into Short-Circuit
the cost of MOSFETs to achieve a given load current and
RDS(ON). However, LSSS mode has limited capability to
ride through an input step or a sustained load surge in
current limit. Due to the low start-up current it also cannot
start up a large resistive load such as a heating element
or incandescent lamp.
Figure 6a shows an application circuit for a 48V, 63A
system operating in the low stress staged start mode.
This mode is enabled by using configuration 5 or 6 in
Table 3. In this mode GATE2 drives a compact, inexpen-
sive MOSFET (M2) with small SOA as a trickle charging
device for start-up. GATE1 drives parallel, low RDS(ON),
APPLICATIONS INFORMATION
Figure 6. Low Stress Staged Start Application
(a) 48V, 63A Application Circuit
0.2m
4m
RG1
10
M2
PSMN7R6-100BSE
RG2
10
R1
360k
1%
R3
93.1k
1%
R2
3.01k
1%
R1
4.22k
1%
CTMR
180pF
CFET
1.5µF
R7
62k
1%
R8
5.23k
1%
CL
CF
0.1µF
RG3
10
C3
0.1µF
RTOP1
59k
1%
RBOTTOM1
44.2k
1%
UV
FLT#
PG
TMR
VDD
CONFIG1
SENSE1–
SENSE1+
GATE1
SENSE2–
GATE2
SOURCE
VDSFB
FB
COMM
LTC4238
SENSE2+
OV
ISET
CONFIG2
INTVCC
TMRFET
GND
48V
GND
BACKPLANE PLUG-IN
BOARD
RS1
RS2
SMC5K60A
×4
4238 F06a
VOUT
48V
63A
M1A
M1B
IPT015N10N5
IPT015N10N5
20ms/DIV
4238 F06b
∆VGATE2
10V/DIV
∆VGATE1
10V/DIV
COMM
2V/DIV
VOUT
50V/DIV
FET-BAD TIMER EXPIRES
50ms/DIV
4238 F06c
∆VGATE1
10V/DIV
∆VGATE2
10V/DIV
CURRENT
20A/DIV
TMRFET
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com