Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC4282
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 30Page - Analog Devices LTC4282 Datasheet HTML 31Page - Analog Devices LTC4282 Datasheet HTML 32Page - Analog Devices LTC4282 Datasheet HTML 33Page - Analog Devices LTC4282 Datasheet HTML 34Page - Analog Devices LTC4282 Datasheet HTML 35Page - Analog Devices LTC4282 Datasheet HTML 36Page - Analog Devices LTC4282 Datasheet HTML 37Page - Analog Devices LTC4282 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
LTC4283
34
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
inverted or non-inverted external fault (see External Fault
and Auto-Retry). When configured as general purpose
outputs, the output data for PGIO1–PGIO4 and ADIO1–
ADIO4 are stored in bits[7:4] in PGIO_CONFIG_2 register
0x11 and bits[3:0] in ADC_CONFIG register 0x12, respec-
tively. When selected, ADIO1–ADIO4 are also monitored
by the on-board ADC (see Data Converters).
If the PGIO2_ACLB bit in CONTROL_1 register 0x0A is
set, PGIO2 is configured as an inverted indicator of active
current limit after startup. During startup PGIO2 is held
low. After the internal power good signal is latched, if the
OC_STATUS bit in FAULT_STATUS register 0x03 is 0,
PGIO2 goes high impedance. If the OC_STATUS bit is set
to indicate that active current limit is engaged, PGIO2 is
pulled low.
Regardless of the configurations, PGIO1–PGIO4 and
ADIO1–ADIO4 all have comparators monitoring the volt-
age on these pins with a threshold of 1.28V. The results
are stored in INPUT_STATUS register 0x02.
Design Examples
Example 1: Design Procedure for Systems with Large
Input Steps
Consider a battery operated system with maximum load
power of 600W, a supply voltage range of –36V to –72V
(–36V to –72V input step is allowed), and a load capaci-
tance of CL = 500µF as shown in Figure 2.
The maximum load current is calculated as
IL(MAX) =
PL(MAX)
VS(MIN)
=
600W
36V
= 16.7A
Step 1. Configure current limit and select current sense
resistor. Since a –36V to –72V input step is a valid operat-
ing condition, the current limit should be twice the maxi-
mum load current to minimize the temperature rise in the
MOSFET following a large input step:
ILIM = 2 • IL(MAX) = 33.3A
With a constant power load, when the load voltage ramps
from 36V to 72V following the input step, the load cur-
rent is halved. The LPFB (load power foldback) bit in
CONFIG_1 register 0x0D is set to 1 so that the current
limit will be maintained at approximately twice the load
current during the output ramp.
Sense resistor is selected assuming they will carry the
maximum current, or 33.3A in this example. Selection is
a matter of total cost, sense voltage (configurable from
15mV to 30mV in 1mV steps), allowable dissipation, avail-
ability of discrete resistance values, using multiple devices
to reduce the sensing errors associated with high current
density at the interface between the PCB and resistor, and
using multiple devices to ballast current flow across a
wide path, between 2 or more connectors, or between
2 or more MOSFET. These factors are iterated until an
acceptable solution is found. First, determine the num-
ber of resistors needed to handle the total sense power.
Compute the total sense power starting with the minimum
sense voltage or 15mV:
PS = VILIM(MIN) • ILIM = 15mV • 33.3A = 500mW
Second, compute the number of resistors needed to
handle this power. For example, 1206 resistors are rated
for 250mW dissipation. A conservative design is half as
much, or 125mW.
NRS =
PS
125mW
=
500mW
125mW
= 4
Thus at least four parallel 1206 resistors are needed for
each channel. Third, compute the resistance value:
RS=
VILIM
ILIM
= 15mV
33.3A
=450µΩ
Four resistors of 1.8mΩ each would give the correct
sense resistance. Fourth, use the closest next-larger avail-
able sense resistor value and adjust the sense voltage as
needed to restore the current. In this case, a 2mΩ sense
resistor value is selected and the sense voltage is adjusted
to 16mV. Recompute the numbers:
RS =
2mΩ
4
= 500µΩ
ILIM =
16mV
500µΩ
= 32A
PS = 16mV • 32A = 512mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com