Electronic Components Datasheet Search
  English  ▼

X  

BCRT-FPX Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # BCRT-FPX
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPX Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button BCRT-FPX Datasheet HTML 34Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 35Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 36Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 37Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 38Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 39Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 40Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 41Page - List of Unclassifed Manufacturers BCRT-FPX Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
RTI-38
PACKAGE OUTLINE DRAWINGS
L
L
K
H
G
F
E
D
C
B
A
12345678910
11
Figure 26a. UT1553B RTI Pingrid Array Configuration
(Bottom View)
L
L
L
L
L
L
L
L
L1
L1
K
K
K
K
K
K
K
K
K
K1
K1
J
J
J
J1
J1
H
H
H1
H1
G
G
G1
G1
F
F
F1
F1
E
E
E1
E1
D
D
D1
D1
C
C
C1
C1
B
B
B
B
B
B
B
B
B
B1
B1
A
A
A
A
A
A
A
A
A
A1
A1
C
C
C
J
J
J
G
F
E
G
F
E
F1
ADDR OUT 5
F2
ADDR IN 7
F3
ADDR IN 5
F9
RCS
F10
VSS
F11
DMARQ
G1
ADDR IN 4
G2
ADDR OUT 4
G3
ADDR IN 3
G9
BIPHASE IN A Z
G10
MRST
G11
TIMERON
H1
ADDR OUT 3
H2
ADDR IN 2
H10
BIPHASE IN A O
H11
XMIT
C1
ADDR OUT 9
C2
ADDR OUT 10
C5
DATA I/O 6
C6
TA 0
C7
DATA I/O 10
C10
TALEN/PARITY
C11
CTRL
D1
ADDR OUT 8
D2
ADDR IN 8
D10
MES ERR
D11
MEMCK
E1
ADDR IN 6
E2
ADDR OUT 7
E3
ADDR OUT 6
E9
CS
E10
RD/WR
E11
RRD/RWR
A1
DATA I/O 0
A2
DATA I/O 2
A3
DATA I/O 3
A4
DATA I/O 5
A5
DATA I/O 8
A6
DATA I/O 9
A7
TA 1
A8
DATA I/O 12
A9
DATA I/O 13
A10
DATA I/O 14
A11
DATA I/O 15
B1
ADDR IN 9
B2
ADDR IN 10
B3
DATA I/O 1
B4
DATA I/O 4
B5
DATA I/O 7
B6
DATA I/O 11
B7
TA 2
B8
TA 3
B9
TA 4
B10
VDD
B11
RCV
J1
ADDR OUT 2
J2
ADDR OUT 1
J5
MCSA 3
J6
COMSTR
J7
STATUS
J10
BIPHASE IN B Z
J11
BRDCST
K1
ADDR IN 1
K2
VSS
K3
ADDR IN 0
K4
MCSA 1
K5
MCSA 4
K6
MC/SA
K7
BCEN
K8
BIPHASE OUT A Z
K9
EXT TST CH SEl A/B
K10
BIPHASE IN B O
K11
12MHz
L1
ADDR OUT 0
L2
MCSA 0
L3
ADOEN
L4
MCSA 2
L5
ILL COMM
L6
CH A/B
L7
2MHz
L8
BIPHASE OUT A
L9
EXT TEST
L10
BIPHASE OUT B
L11
BIPHASE OUT B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com