Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC2977
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 35Page - Analog Devices LTC2977 Datasheet HTML 36Page - Analog Devices LTC2977 Datasheet HTML 37Page - Analog Devices LTC2977 Datasheet HTML 38Page - Analog Devices LTC2977 Datasheet HTML 39Page - Analog Devices LTC2977 Datasheet HTML 40Page - Analog Devices LTC2977 Datasheet HTML 41Page - Analog Devices LTC2977 Datasheet HTML 42Page - Analog Devices LTC2977 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
LTC2971
39
Rev. 0
For more information www.analog.com
OPERATION
The OPERATION command is used to turn the unit on and off in conjunction with the CONTROL pin and ON_OFF_CONFIG.
This command register responds to the global page command (PAGE = 0xFF). The contents and functions of the data
byte are shown in the following tables. A minimum tOFF_MIN wait time must be observed between any OPERATION
commands used to turn the unit off and then back on.
OPERATION Data Contents (On_off_config_use_pmbus = 1)
SYMBOL
Action
Operation_control[1:0] Operation_margin[1:0] Operation_fault[1:0] Reserved (Read Only)
BITS
b[7:6]
b[5:4]
b[3:2]
b[1:0]
FUNCTION
Turn off immediately
00
XX
XX
00
Sequence on
10
00
XX
00
Margin low (ignore faults and warnings)
10
01
01
00
Margin low
10
01
10
00
Margin high (ignore faults and warnings
10
10
01
00
Margin high
10
10
10
00
Sequence off with margin to nominal
01
00
XX
00
Sequence off with margin low (ignore
faults and warnings)
01
01
01
00
Sequence off with margin low
01
01
10
00
Sequence off with margin high (ignore
faults and warnings)
01
10
01
00
Sequence off with margin high
01
10
10
00
Reserved
All remaining combinations
OPERATION Data Contents (On_off_config_use_pmbus = 0)
On or Off
SYMBOL
Action
Operation_control[1:0] Operation_margin[1:0]
Operation_fault[1:0]
Reserved (Read Only)
BITS
b[7:6]
b[5:4]
b[3:2]
b[1:0]
FUNCTION
Output at nominal
00, 01 or 10
00
XX
00
Margin low (ignore faults and
warnings)
00, 01 or 10
01
01
00
Margin low
00, 01 or 10
01
10
00
Margin high (ignore faults and
warnings
00, 01 or 10
10
01
00
Margin high
00, 01 or 10
10
10
00
Reserved
All remaining combinations
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com