Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC4270
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 32Page - Analog Devices LTC4270 Datasheet HTML 33Page - Analog Devices LTC4270 Datasheet HTML 34Page - Analog Devices LTC4270 Datasheet HTML 35Page - Analog Devices LTC4270 Datasheet HTML 36Page - Analog Devices LTC4270 Datasheet HTML 37Page - Analog Devices LTC4270 Datasheet HTML 38Page - Analog Devices LTC4270 Datasheet HTML 39Page - Analog Devices LTC4270 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
LTC4291-1/LTC4292
39
Rev 0
For more information www.analog.com
6.00 ±0.10
(4 SIDES)
NOTE:
1. DRAWING IS A JEDEC PACKAGE OUTLINE VARIATION OF (WJJD-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 TOP MARK
(SEE NOTE 6)
PIN 1 NOTCH
R = 0.45 OR
0.35
× 45°
CHAMFER
0.40 ±0.10
40
39
1
2
BOTTOM VIEW—EXPOSED PAD
4.50 REF
(4-SIDES)
4.42 ±0.10
4.42 ±0.10
4.42 ±0.05
4.42 ±0.05
0.75 ±0.05
R = 0.115
TYP
0.25 ±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UJ40) QFN REV Ø 0406
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
4.50 ±0.05
(4 SIDES)
5.10 ±0.05
6.50 ±0.05
0.25 ±0.05
0.50 BSC
PACKAGE OUTLINE
R = 0.10
TYP
UJ Package
40-Lead Plastic QFN (6mm
× 6mm)
(Reference LTC DWG # 05-08-1728 Rev Ø)
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com