Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3652
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3652 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3652 Datasheet HTML 14Page - Analog Devices LT3652 Datasheet HTML 15Page - Analog Devices LT3652 Datasheet HTML 16Page - Analog Devices LT3652 Datasheet HTML 17Page - Analog Devices LT3652 Datasheet HTML 18Page - Analog Devices LT3652 Datasheet HTML 19Page - Analog Devices LT3652 Datasheet HTML 20Page - Analog Devices LT3652 Datasheet HTML 21Page - Analog Devices LT3652 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
18
LTC4162-S
Rev B
For more information www.analog.com
OPERATION
Input Overvoltage Protection
The LTC4162 has over-voltage detection on its input. If
VINexceedsapproximately38.6Vasindicatedbyvin_ovlo,
the switching charger will stop delivering power. The
charger will resume switching if VIN falls below roughly
37.2V. The overvoltage detection cutoff circuit provides
only modest over voltage protection and is not intended
to prevent damage in all circumstances.
Measurement Subsystem
TheLTC4162includesa16-bitΔΣA/Dconverterandsignal
multiplexer to monitor numerous analog parameters. It
can measure the voltages at vin, vbat and vout, the input
current (voltage between CLP and CLN), iin, the battery
charge current (voltage between CSP and CSN), ibat, the
batterypackthermistor_voltage,itsowninternaldie_temp
and, once a charge cycle begins, the series resistance of
the battery, bsr. To save battery current, the measure-
ment system is disabled if the battery is the only source
of power (vin_gt_vbat = 0). This can be overridden with
force_telemetry_on. The A/D converter is automatically
multiplexed between all of the measured channels and
its 16-bit signed two's complement results are stored in
registers accessible via the I2C port. The seven channels
measured by the ADC each take approximately 1.6ms to
convert. The maximum range of the 16 bit ΔΣ A/D con-
verter is ±1.8V and it has an internal span term of 18191
counts per Volt. It measures each of the above parameters
through different paths giving different sensitivity terms
for each measurement as summarized in Table 1.
Battery Voltage Measurement
Battery voltage is measured through a resistive voltage
divider whose attenuation ratio is based on the CELLS0/
CELLS1pins.Theresultisreportedinvbat.Thedividerratio
is BATSENS+/7 for each multiple of 6V set by the CELLS0/
CELLS1 pins. The A/D span term is then N • 7/18191 or
N • 384.8µV/LSB where N is 1, 2, 3 or 4 representing a
6V, 12V, 18V or 24V battery respectively. An alert may
be set on battery voltage by setting the vbat based value
vbat_lo_alert_limit or vbat_hi_alert_limit and setting
en_vbat_lo_alert or en_vbat_hi_alert. These alerts are
indicated by vbat_lo_alert or vbat_hi_alert and are cleared
by writing them to 0.
Input Voltage Measurement
Input voltage is measured through a 30:1 resistive volt-
age divider making the A/D span term for input voltage
measurements 30/18191 or 1.649mV/LSB and is digitized
to vin. An alert may be set on input voltage by setting the
value vin_lo_alert_limit or vin_hi_alert_limit and setting
en_vin_lo_alert or en_vin_hi_alert. These alerts are indi-
cated by vin_lo_alert and vin_hi_alert and are cleared by
writing them to 0.
Table 1. Measurement Subsystem LSB Sizes
MEASUREMENT
UNITS
REGISTER SYMBOL
LSB SIZE
OFFSET
BATTERY VOLTAGE
V
vbat
384.8µV • N*
INPUT VOLTAGE
V
vin
1.649mV
OUTPUT VOLTAGE
V
vout
1.653mV
INPUT CURRENT
A
iin
1.466µV/RSNSI
BATTERY CURRENT
A
ibat
1.466µV/RSNSB
DIE TEMPERATURE
°C
die_temp
0.0215°C
264.4°C
BATTERY IMPEDANCE
Ω
bsr
RSNSB • N/250*
THERMISTOR VOLTAGE
V
thermistor_voltage
45.833µV/V
*N is 1 for a 6V battery, 2 for a 12V battery, 3 for an 18V battery and 4 for a 24V battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com