Electronic Components Datasheet Search
  English  ▼

X  

LTC4260 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4260
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4260 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4260 Datasheet HTML 20Page - Analog Devices LTC4260 Datasheet HTML 21Page - Analog Devices LTC4260 Datasheet HTML 22Page - Analog Devices LTC4260 Datasheet HTML 23Page - Analog Devices LTC4260 Datasheet HTML 24Page - Analog Devices LTC4260 Datasheet HTML 25Page - Analog Devices LTC4260 Datasheet HTML 26Page - Analog Devices LTC4260 Datasheet HTML 27Page - Analog Devices LTC4260 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
LTC4284
24
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Power good signals are reset in two configurable ways.
If the PWRGD_RESET_CNTRL bit in CONTROL_1 reg-
ister 0x0A is set to 1, power good signals are reset by
an output low condition as indicated by RTNS − DRNS
< VOUTTH. In Figure 2a VOUTTH is biased at 0.8V, so
power good signals will be reset when RTNS – DRNS
drops below 0.8V, which corresponds to VOUT < 32V. If
the PWRGD_RESET_CNTRL bit is cleared, power good
signals are reset by any GATE turn-off conditions except
overvoltage fault. When the power good signals are reset,
the power good delays and the PGI delay are also reset.
Turn-Off Sequence
In any of the following conditions, the MOSFETs are
turned off by pulling down the GATE pins with 9mA cur-
rent sources and the FET_ON_STATUS bit in SYSTEM_
STATUS register 0x00 is cleared.
1. VIN is lower than 7.6V (VIN undervoltage lockout).
2. INTVCC is lower than 3.8V (INTVCC undervoltage
lockout).
3. EN# is high.
4. ON bit in CONTROL_1 register 0x0A is cleared.
5. OV is higher than 1.406V (overvoltage fault).
6. UVL is lower than 1.833V and UVH is lower than
2.048V (undervoltage fault).
7. TMR reaches its 2.048V threshold (overcurrent fault).
8. DRAIN rises above 2.048V or GATE dips below VIN
– 1.8V and this condition lasts longer than a pre-
configured delay (FET bad fault).
9. PGIO3, when configured as PGI#/PGI input, is high/
low when the PGI check delay of 512ms expires
(PGI fault).
10. PGIO4 pin, when configured as EXT_FAULT#/EXT_
FAULT, is low/high (external fault).
11. The RBT_EN bit in REBOOT register 0xA2 is set.
For condition 8, if the FET_BAD_TURN_OFF bit in
CONTROL_1 register 0x0A is cleared, the MOSFETs
remain on following a FET bad fault. For condition 10,
if the EXT_FAULT_TURN_OFF bit in CONFIG_3 register
0x0F is cleared, the MOSFETs remain on following an
external fault. For condition 11, the LTC4284 will auto-
matically reboot after a programmable delay. See Reboot
on I2C Command.
For each independent GATE turn-off fault, the LTC4284
can be configured to latch off the MOSFETs or go into
an auto-retry sequence after the fault occurs. In paral-
lel mode or single driver modes, GATE1 and GATE2 are
turned off simultaneously. In high stress or low stress
staged start modes, GATE2 turn-off depends on GATE1
turn-off and other conditions. Refer to the sectors cover-
ing high stress staged start mode and low stress staged
start mode for details.
Overcurrent Protection
The LTC4284 features two levels of protection from
short-circuit and overcurrent conditions. Load current is
monitored by SENSE1,2+ and SENSE1,2− pins and sense
resistors. There are two distinct thresholds for the sense
voltages: VILIM and VILIM(FAST). VILIM is configurable from
15mV to 30mV in 1mV steps and VILIM(FAST) is always
twice VILIM. See Current Limit Adjustment for details.
If the sense voltage of a channel reaches VILIM, the cor-
responding GATE is pulled down by 25mA current until
the associated active current limit loop is engaged. In
the event of a catastrophic short-circuit or a sudden
input step, where the sense voltage of a channel reaches
VILIM(FAST), the corresponding GATE is immediately pulled
down by a 1.2A current to limit peak current through the
MOSFET. When the sense voltage drops to VILIM, the
active current limit loop is engaged.
SOA Timer
During active current limit, the power dissipation in the
MOSFET is large. If this power dissipation persists, the
MOSFET can reach temperatures that cause damage.
MOSFET manufacturers specify the safe limits on operat-
ing voltage, current and time as a curve referred to as the
Safe Operating Area (SOA). Commonly, a circuit breaker
timer sets a maximum time for the MOSFET to operate in a
current limit mode. When this timer expires, the MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com