Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 49 Page - Analog Devices

Part # LT3652
Description  35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3652 Datasheet(HTML) 49 Page - Analog Devices

Back Button LT3652 Datasheet HTML 44Page - Analog Devices LT3652 Datasheet HTML 45Page - Analog Devices LT3652 Datasheet HTML 46Page - Analog Devices LT3652 Datasheet HTML 47Page - Analog Devices LT3652 Datasheet HTML 48Page - Analog Devices LT3652 Datasheet HTML 49Page - Analog Devices LT3652 Datasheet HTML 50Page - Analog Devices LT3652 Datasheet HTML 51Page - Analog Devices LT3652 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
LTC4162-L
49
Rev A
For more information www.analog.com
TYPICAL APPLICATIONS
Solar Powered 3-Cell 3.2A Charger with Maximum Power Point Tracking
4.7µF
1µF
22nF
0.1µF
10µF
10µF
10k
10m
MN1
MN2
16m
L1
4.7µH
63.4k
SYSTEM
LOAD
+
–
36 CELL PANEL
4162L TA04
INFET CLP
VOUTA
SYNC
CELLS0
CELLS1
VIN
CLN
SMBALERT
DVCC
SCL
SDA
16
17
18
12
15
13
14
BOOST
SW
CSP
BATFET
CSN
BATSENS+
NTCBIAS
NTC
1
25, 26
21
22
20
19
9
10
AGND
PGND
RT
INTVCC
VCC2P5
29
23, 24
11
2
8
LTC4162-LADM
VOUT
6
5
3
7
4
27, 28
MN1: FDMC8327L
MN2: 2N7002
R1: NTCS0402E3103FLT
L1: XAL5030-472MEC
2.5
C2
150µF
+
T R1
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com