Electronic Components Datasheet Search
  English  ▼

X  

LTC4121 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4121
Description  35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4121 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4121 Datasheet HTML 20Page - Analog Devices LTC4121 Datasheet HTML 21Page - Analog Devices LTC4121 Datasheet HTML 22Page - Analog Devices LTC4121 Datasheet HTML 23Page - Analog Devices LTC4121 Datasheet HTML 24Page - Analog Devices LTC4121 Datasheet HTML 25Page - Analog Devices LTC4121 Datasheet HTML 26Page - Analog Devices LTC4121 Datasheet HTML 27Page - Analog Devices LTC4121 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LTC4162-L
24
Rev A
For more information www.analog.com
OPERATION
Constant-Current Charging
Whenthebatteryvoltageisabove2.85Vpercell_count,the
charger will attempt to deliver either (icharge_jeita_x + 1)
• 1mV/RSNSBwithen_jeitaor(charge_current_setting+1)
• 1mV/RSNSB without en_jeita in constant-current mode
where icharge_jeita_x or charge_current_setting ranges
from 0 to 31. For example, A 10mΩ resistor between
CPS and CSN would give an upper limit charge current
of 3.2A. Depending on available input power and external
load conditions, the battery charger may not be able to
charge at the full programmed rate. An alternate control
loop such as the input current limit loop or input voltage
limit loop may be in force and only partial power will be
available to charge the battery. If input current limit is
reached, for instance, the system load will be prioritized
over the battery charge current. When system loads are
light, battery charge current will be maximized and could
be as high as the value programmed by icharge_jeita_x
or charge_current_setting.
The charge current programming resistor, RSNSB, should
always be set to match the capacity of the battery with-
out regard to source or load limitations from any other
control loop. The multiple control-loop architecture of
the LTC4162 will correct for any discrepancies, always
optimizing transfer of power to the battery and the load.
Thermal Regulation
When the switching battery charger is enabled at an el-
evated ambient temperature, LTC4162 self heating may
push its junction temperature to an unacceptable level.
To prevent overheating the LTC4162 monitors its own
die_temp and automatically reduces the icharge_dac to
limit power dissipation. The differential servo voltage at
CSP to CSN can drop to as low as 1mV giving about 3%
(1/32) of the maximum charge current. The thermal regu-
lation algorithm achieves this by enforcing a maximum
icharge_dac setting which drops linearly from 31 to 0 as
die_tempincreasesfromthermal_reg_start_temp(default
120°C) to thermal_reg_end_temp (default 125°C). When
the thermal regulation algorithm is active, charge_status
becomes thermal_reg_active. A thermal_reg_active_alert
can be set with en_thermal_reg_active_alert and cleared
by writing either back to 0. Thermal regulation can be
programmed to any temperature within the LTC4162's
operating range.
Constant-Voltage Charging
Once the BATSENS+ voltage reaches the programmed
charging voltage the switching regulator will reduce its
output power and hold the battery voltage steady at either
(3.8125V+12.5mV • vcharge_jeita_x) • cell_countwithen_
jeita or (3.8125V + 12.5mV • vcharge_setting) • cell_count
without en_jeita where vcharge_jeita_x and vcharge_set-
ting each range from 0 to 31. In constant voltage mode
the charge current will decrease naturally toward zero
providing inherently safe operation by preventing the
battery from being over charged. Multiple charge voltage
settings are available for final top-off voltage selection via
vcharge_jeita_x with en_jeita or vcharge_setting without
en_jeita. While charge voltage trade-offs can be made to
preserve battery life or maximize capacity, it is not pos-
sible for the LTC4162 to be set to a charge voltage that
is dangerously high or inconsistent with a Lithium-Ion/
Polymer Battery.
Note that charge_current_setting and vcharge_setting do
notdirectlycontroltheicharge_dacandvcharge_dac.They
are only target values. For example, if the JEITA Tempera-
ture Controlled Charging system is enabled (en_jeita = 1),
the DACs will be controlled by this user programmable
system (i.e. icharge_jeita_2 through icharge_jeita_6,
vcharge_jeita_2 through vcharge_jeita_6).
Basic Temperature Controlled Charging
The LTC4162 provides temperature controlled charging if
a grounded thermistor and a bias resistor are connected
to the NTCBIAS and NTC pins and en_jeita is set to 0.
Charging is paused if thermistor_voltage rises above
jeita_t1 (0°C) or falls below jeita_t6 (60°C). Recall that
thermistors have a negative temperature coefficient so
higher temperatures will read lower thermistor_voltage
and vice versa. If charging is not suspended, the charg-
ing voltage and current will follow vcharge_setting and
charge_current_setting respectively.
The default upper and lower limits are based on a thermis-
tor with a β25/85 value of 3490K, such as provided by a
Vishay NTCS0402E3103FLT. This thermistor was chosen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com