Electronic Components Datasheet Search
  English  ▼

X  

ALD110800ASC Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD110800ASC
Description  QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110800ASC Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD110800ASC Datasheet HTML 1Page - Advanced Linear Devices ALD110800ASC Datasheet HTML 2Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
ALD110800A/ALD110800/ALD110900A/ALD110900 are monolithic
quad/dual N-Channel MOSFETs matched at the factory using ALD’s
proven EPAD® CMOS technology. These devices are intended for low
voltage, small signal applications. The ALD110800/ALD110900 features
zero threshold voltage, which reduces or eliminates input to output
voltage level shift, including circuits where the signal is referenced to
GND or V+. This feature greatly reduces output signal voltage level
shift and enhances signal operating range, especially for very low
operating voltage environments. With these zero threshold devices an
analog circuit with multiple stages can be constructed to operate at
extremely low supply or bias voltage levels. As an example, an input
amplifier stage operating at 0.2V supply voltage has been demonstrated.
ALD110800A/ALD110800/ALD110900A/ALD110900 matched pair
MOSFETs are designed for exceptional device electrical characteris-
tics matching. As these devices are on the same monolithic chip, they
also exhibit excellent tempco tracking characteristics. They are
versatile as design components for a broad range of analog applica-
tions such as basic building blocks for current sources, differential
amplifier input stages, transmission gates, and multiplexer applications.
Besides matched pair electrical characteristics, each individual
MOSFET also exhibits well controlled parameters, enabling the user
to depend on tight design limits. Even units from different batches
and different date of manufacture have correspondingly well matched
characteristics.
These devices are built for minimum offset voltage and differential
thermal response, and they are designed for switching and amplifying
applications in +0.2V to +10V systems where low input bias current,
low input capacitance and fast switching speed are desired. The VGS(th)
of these devices are set at +0.0V, which classify them as both enhance-
ment mode and depletion mode devices. When the gate is set at 0.0V,
the drain current = +1µA @ VDS =1+0.1V, which allow a class of circuits
with output voltage level biased at or near input voltage level without
voltage level shift. These devices exhibit same well controlled turn-off
and sub-threshold characteristics as standard enhancement mode
MOSFETs.
The ALD110800A/ALD110800/ALD110900A/ALD110900 are MOSFET
devices that feature high input impedance (10
12Ω) and high DC current
gain (>10
8 ). A sample calculation of the DC current gain at a drain
current of 3mA and input leakage current of 30pA at 25°C is = 3mA/
30pA = 100,000,000. For most applications, connect V+ pin to the most
positive voltage potential (or left open unused) and V- and N/C pins to
the most negative voltage potential in the system. All other pins must
have voltages within these voltage limits.
QUAD/DUAL N-CHANNEL ZERO THRESHOLD™ EPAD®
MATCHED PAIR MOSFET ARRAY
N/C*
1
2
3
14
15
16
4
13
5
12
N/C*
6
7
8
10
11
GN1
DN1
N/C*
DN4
N/C*
GN4
9
GN3
DN3
DN2
GN2
V+
S34
S12
V-
V+
V-
ALD110800
M 4
M 3
M 1
M 2
V-
V-
V-
V-
V-
GN1
DN1
N/C*
S12
DN2
GN2
ALD110900
1
2
3
6
7
8
4
5
M 1
M 2
V-
N/C*
V-
V-
FEATURES
• Precision zero threshold voltage mode
• Nominal RDS(ON) @VGS=0.0V of 104KΩ
• Matched MOSFET to MOSFET characteristics
• Tight lot to lot parametric control
• VGS(th) match (VOS) to 2mV and 10mV
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance
• Low input/output leakage currents
APPLICATIONS
• Very low voltage analog and digital circuits
• Zero power fail safe circuits
• Backup battery circuits & power failure detector
• Low level voltage clamp & zero crossing detector
• Source followers and buffers
• Precision current mirrors and current sources
• Capacitives probes and sensor interfaces
• Charge detectors and charge integrators
• Differential amplifier input stage
• High side switches
• Peak detectors and level shifters
• Sample and Hold
• Current multipliers
• Analog switches / multiplexers
• Voltage comparators and level shifters
ALD110800/ALD110800A/ALD110900/ALD110900A
ORDERING INFORMATION
* Contact factory for industrial temp. range or user-specified threshold voltage values
Operating Temperature Range*
0°C to +70°C0°C to +70°C
16-Pin
16-Pin
8-Pin
8-Pin
Plastic Dip
SOIC
Plastic Dip
SOIC
Package
Package
Package
Package
ALD110800APC
ALD110800ASC ALD110900APA ALD110900ASA
ALD110800PC
ALD110800SC
ALD110900PA
ALD110900SA
PC, SC PACKAGES
PA, SA PACKAGES
PIN CONFIGURATION
VGS(th)= +0.0V
Rev 1.0-0506 ©2005 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
*N/C pins are internally connected.
Connect to V- to reduce noise


Similar Part No. - ALD110800ASC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110800ASCL ALD-ALD110800ASCL Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD110800ASCL ALD-ALD110800ASCL Datasheet
104Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD
ALD110800ASCL ALD-ALD110800ASCL Datasheet
127Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
More results

Similar Description - ALD110800ASC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD110802 ALD-ALD110802 Datasheet
37Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com