Electronic Components Datasheet Search
  English  ▼

X  

DSF Datasheet(PDF) 2 Page - Schurter Inc.

Part # DSF
Description  Storage Choke, flat design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DSF Datasheet(HTML) 2 Page - Schurter Inc.

  DSF Datasheet HTML 1Page - Schurter Inc. DSF Datasheet HTML 2Page - Schurter Inc. DSF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DSF
https://www.schurter.com /PG81_82
EMC Products
Dimension [mm]
Case 04-1
2.2
10±0.2
3.5
0
-0.5
17.8 max.
21
4
3
12.4±0.2
Case 15-1
2.0
15±0.2
3.5
0
-0.5
27.4 max.
21
4
3
16.5±0.2
Diagrams
Application in DC-DC Converter
1)
2)
1) DC-Input unregulated
2) DC-Output regulated
Derating Curves
Inductance variation as function of the magnetizing current
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
fRES
[MHz]
Weight [g]
Housing
Packing unit [pcs.]
Order Number
0.6
0.5
360
2.5
7 g
04-1
45
DSF-18-0002
█
1.2
0.125
90
6.5
7 g
04-1
45
DSF-18-0003
2
0.045
32
12
7 g
04-1
45
DSF-18-0005
4
0.011
8
32
7 g
04-1
45
DSF-18-0006
0.45
3.7
1900
0.6
18 g
15-1
40
DSF-28-0001
1
0.75
360
1.8
18 g
15-1
40
DSF-28-0003
1.4
0.38
160
-
18 g
15-1
40
DSF-28-0004
1.8
0.23
125
3.5
18 g
15-1
40
DSF-28-0005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com