Electronic Components Datasheet Search
  English  ▼

X  

MAX13326 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13326
Description  Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13326 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13326 Datasheet HTML 1Page - Maxim Integrated Products MAX13326 Datasheet HTML 2Page - Maxim Integrated Products MAX13326 Datasheet HTML 3Page - Maxim Integrated Products MAX13326 Datasheet HTML 4Page - Maxim Integrated Products MAX13326 Datasheet HTML 5Page - Maxim Integrated Products MAX13326 Datasheet HTML 6Page - Maxim Integrated Products MAX13326 Datasheet HTML 7Page - Maxim Integrated Products MAX13326 Datasheet HTML 8Page - Maxim Integrated Products MAX13326 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Maxim Integrated
Dual Automotive, Audio Line Drivers
with I2C Control and Diagnostic
MAX13325/MAX13326
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 14.4V, VL = 5V, RL = J, load impedance from OUT_+ to OUT_-, TA = TJ = -40NC to +105NC, typical values are TA = +25NC,
unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE PUMP
Charge-Pump Overdrive Voltage,
VCHOLD – VDD (Hard Mode)
VCPH
VDD = 4.5V, ISOURCE = 6.6mA
3.2
4.0
V
VDD = 18V, ISOURCE = 6.6mA
4.5
5.5
VCHOLD - VDD (Soft Mode)
VCPS
VDD unconnected, ISOURCE = 40FA,
VL = 3.3V
2.1
V
VL = 5V
3.9
Charge-Pump Frequency
fCP
CPOFF = 0
CPF[1:0] = 00
333
kHz
CPF[1:0] = 01
190
CPF[1:0] = 10
426
CPF[1:0] = 11
260
DIAGNOSTICS
Output Current Limit
Short to GND or battery
580
mA
Current-Limit Warning Threshold
230
mA
Open-Load Detection
10
kI
Output Offset Detection
Valid when muted
Q
250
mV
Thermal Warning Threshold
135
N
C
Thermal Shutdown Threshold
165
N
C
Thermal Shutdown Hysteresis
15
N
C
ESD PROTECTION
Air Gap IEC 61000-4-2
OUT_ pins
Q
15
kV
Contact Discharge IEC 61000-4-2
OUT_ pins
Q
8
kV
HBM
All pins
Q
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com