Electronic Components Datasheet Search
  English  ▼

X  

MAX14643 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14643
Description  USB Host Adapter Emulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14643 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14643 Datasheet HTML 1Page - Maxim Integrated Products MAX14643 Datasheet HTML 2Page - Maxim Integrated Products MAX14643 Datasheet HTML 3Page - Maxim Integrated Products MAX14643 Datasheet HTML 4Page - Maxim Integrated Products MAX14643 Datasheet HTML 5Page - Maxim Integrated Products MAX14643 Datasheet HTML 6Page - Maxim Integrated Products MAX14643 Datasheet HTML 7Page - Maxim Integrated Products MAX14643 Datasheet HTML 8Page - Maxim Integrated Products MAX14643 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
(VCC = 3.0V to 5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 5.0V and TA = +25NC.) (Note 2)
Note 2: All units are production tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 3: The MAX1464_ is operational from 3.0V to 5.5V. However, in order for the valid Apple resistor-divider network to function,
VCC must stay within the 4.75V to 5.25V range.
Note 4: Guaranteed by design, not production tested.
Note 5: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDP_REF Voltage
VDP_REF
0.25
0.4
V
VLGC Voltage
VLGC
0.8
2.0
V
IDP_SINK Current
IDP_SINK VDP = 0.15V to 3.6V
50
150
F
A
LOGIC INPUTS (CB0, CB1, SDA, SCL)
Input Logic High Voltage
VIH
1.4
V
Input Logic Low Voltage
VIL
0.4
V
Input Leakage Current
IIN
0V P VIN P VIL or VIH P VIN P VCC,
VCC = 5.5V
-1
+1
F
A
CB0/CB1 Debounce Time
tDEB_CB_
250
F
s
OPEN-DRAIN LOGIC OUTPUTS (SDA, INT, CEN, CEN)
INT, SDA, CEN Output Low
Voltage
VOL
Output asserted, ISINK = 4mA
0.4
V
INT, SDA, CEN Output Leakage
Current
IOH
Output not asserted, VCC = VOUT = 5.5V
1
F
A
CEN, INT, Output High Voltage
VOH
Output asserted, ISOURCE = 4mA
VCC - 0.4
V
CEN, INT, Output Leakage Current
IOL
Output not asserted, VCC = 5.5V, VCEN = 0V
1
F
A
VBUS Toggle Time Accuracy
tVBT
Q
10
%
I2C TIMING CHARACTERISTICS (SEE FIGURE 4)
I2C Maximum Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
START Condition Setup Time
tSU:STA
0.6
F
s
Repeated START Condition
Setup Time
tSU:STA
70% of SCL to 70% of SDA
0.6
F
s
START Condition Hold Time
tHD:STA
30% of SDA to 70% of SCL
0.6
F
s
STOP Condition Setup Time
tSU:STO
70% of SCL to 30% of SDA
0.6
F
s
Clock Low Period
tLOW
30% to 30%
1.3
F
s
Clock High Period
tHIGH
70% to 70%
0.6
F
s
Data Valid to SCL Rise Time
tSU:DAT
Write setup time
100
ns
Data Hold Time to SCL Fall
tHD:DAT
Write hold time
100
ns
PROTECTION SPECIFICATIONS
ESD Protection
VESD
Human Body Model
DP and DM pins
Q
15
kV
All other pins
Q
2
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX14640–MAX14644/MAX14651
USB Host Adapter Emulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com