Electronic Components Datasheet Search
  English  ▼

X  

76SD02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 76SD02
Description  Thru-Hole DIP Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

76SD02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  76SD02 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
FEATURES
• Raised and Recessed Rocker,
and Toggle Actuated Styles
• DPDT with Common Poles, or
DPDT with 4 Isolated Circuits
• Spring and Ball Contact
• Top Tape Seal Option for
Most Styles
1
C1
C2
2
.380 ± .010
(9,65 ± 0,25)
.380 ± .010
(9,65 ± 0,25)
.020
± .002
(0,51
± 0,05)
TYP.
.090 ± .005
(2,29 ± 0,13)
TYP.
.100 ± .005
(2,54 ± 0,13)
TYP.
Toggle-DIP
CIRCUITRY: Series 76
DIMENSIONS: Series 78 In inches (and millimeters)
CIRCUITRY: Series 78
DIMENSIONS: Series 76 In inches (and millimeters)
To create common poles, tie together 2
adjoining terminals on 1 (either) side of switch.
ORDERING INFORMATION
Circuitry
No./
Length
Length
No./
Raised
Recessed
Toggle-
Positions
Inches
Metric
Tube
Type*
Rockers*
DIP*
DPDT
1
0.380"
9,7mm
27
76SD01
76RSD01
76STD01
Form D
2
0.780"
19,8mm
13
76SD02
76RSD02
76STD02
DPDT
1
0.480"
12,2mm
21
78K01
——
4 Circ.
2
0.880"
22,4mm
12
78K02
——
A top tape seal is required for switches that are machine soldered or heavily cleaned after hand
soldering. To order top seal versions, add "S" to the Grayhill part number. Not available on Toggle-
DIP.
ADDITIONAL INFORMATION
For Specifications, see page B-14. For Options
and Accessories, see page B-20.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
DPDT, 4 Circuits
(No Commons)
Dot on cover indicates active terminal when
slide is on that side of switch. Contact is made
with terminal on opposite side.
Series 78 Slide
DPDT with Commons
True Form D Switching
Series 76 Raised Rocker, Double-DIP
Recessed Rocker
.247 ± .010
(6,27 ± 0,25)
1
C1
C2
2
1
C1
C2
2
1 C1
2
C2
1 C1 2
C2
1
C
L
C
L
2
.380 ± .005
(9,65 ± 0,25)
DIM. A
SEE CHART
.300 ± .002
(7,62 ± 0,05)
.020 ± .002
(0,51 ± 0,05) TYP.
.090 ± .005 (2,29 ± 0,13) TYP.
.100 ± .005 (2,54 ± 0,13) TYP.
1
1
.447 ± .015
(11,35 ± 0,38)
TYP.
C
L
C
L
.070 (1,78) REF.
A
.295 + .000 –.020
(7,49 –0,51)
.020
± .002
(0,51
± 0,05)
.156 + .015 –.010
(3,96 + 0,38 –0,25) TYP.
A = .245 + .000 –.020
(6,22 + 0,51)
.050 ± .005
(1,27 ± 0,13)
TYP.
.180 ± .010 (4,57 ± 0,25)
.012 ± .001 (0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
C
L
C
L
A
A = .247 ± .010
(6,27 ± 0,25)
.295 + .000 –.020
(7,49 –0,51)
.020 + .005 –.000
(0,51 + 0,13)
.050 ± .005
(1,27 ± 0,13)
.180 ± .010
(4,57 ± 0,25)
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
.156 + .015 –.010
(3,96 + 0,38 –0,25)
SERIES 76 and 78
DPDT
B-13


Similar Part No. - 76SD02

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
76SD02T GRAYHILL-76SD02T Datasheet
240Kb / 2P
Thru-Hole DIP Switches
More results

Similar Description - 76SD02

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
Thru-Hole DIP Switches
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
Thru-Hole DIP Switches
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
Thru-Hole DIP Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com