Electronic Components Datasheet Search
  English  ▼

X  

1287000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1287000000
Description  Network switch, managed, Fast/Gigabit Ethernet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1287000000 Datasheet(HTML) 4 Page - Weidmuller

  1287000000 Datasheet HTML 1Page - Weidmuller 1287000000 Datasheet HTML 2Page - Weidmuller 1287000000 Datasheet HTML 3Page - Weidmuller 1287000000 Datasheet HTML 4Page - Weidmuller 1287000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
 
IE-SW-PL18MT-2GC14TX2ST
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:29:28 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
4
Management features
 
Device configuration
Webbrowser (HTTP/
HTTPS), SNMP v1/v2c/v3,
Telnet console, Local serial
console port (RS-232 via
RJ-45 port), Windows tool
  Monitoring function
SNMP v1/v2c/v3, Link
Layer Discovery Protocol
(LLDP), Port mirroring, Port
statistics, Port monitoring,
Syslog, RMON (Remote
monitoring), Event based
warning via E-Mail, Event
based warning via relay,
Event based warning via
SNMP trap
Network redundancy
Spanning Tree Protocol
(STP), Rapid Spanning
Tree Protocol (RSTP),
Turbo-Ring (recovery
time <20/50 ms at Fast/
Gigabit Ethernet interface),
Turbo-Chain (recovery
time <20/50 ms at Fast/
Gigabit Ethernet interface),
Link Aggregation Control
Protocol (LACP)
  Network traffic filter
Quality of Service (QoS),
Tag based VLAN, Port
based VLAN, IGMP v1/
v2, GMRP, Traffic Rate
Limiting
IP-address management
Static, BootP, RARP, DHCP-
Client, DHCP-Server (port
based), DHCP Option 82
(Relay Agent)
  Security functions
VLAN segmentation,
Enable/disable ports,
Access control (port based
via IEEE 802.1X), Access
control list (MAC-based),
Loop protection, TACACS
+ and IEEE 802.1X User
Authentication
Time synchronization management
SNTP client, NTP client,
PTPv1
  Industrial protocol support
PROFINET device acc.
to conformance class B,
EtherNet/IP, Modbus/TCP
slave
 
Power supply
 
Connection type
2 removable 6-pin terminal blocks
Current consumption
Voltage
24 V DC
Current
0.61 A
Overload current protection
Existing
Reverse polarity protection
Available
Voltage supply
24 V DC, 2 redundant inputs
Voltage supply range
Voltage type
DC
Voltage, min.
12 V
Voltage, max.
45 V
 
Switch characteristics
 
Bandwidth backplane
7.2 Gbps
  IGMP-Groups
256
MAC table size
8 K
  Max. number of available VLANs
64
Packet buffer size
2 Mbit
  Priority queues
4
VLAN-ID max
4,094
  VLAN-ID min
1
 
Technical data
 
Housing main material
metal
  Protection degree
IP30
Speed
Fast/Gigabit Ethernet
  Switch
managed
Type of mounting
DIN rail, Panel (with
optional mounting kit)
   
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com