Electronic Components Datasheet Search
  English  ▼

X  

193151 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 193151
Description  One-way flow control valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

193151 Datasheet(HTML) 1 Page - Festo Corporation.

  193151 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
One-way flow control valve
GRLA-3/8-QS-10-D
Part number: 193151
Data sheet
Feature
Value
Type code
GRLA
Valve function
Exhaust air flow control non-return function
Pneumatic connection 1
QS-10
Pneumatic connection 2
G3/8
Adjusting element
Slotted screw
Type of mounting
Screw-in
Standard nominal flow rate in flow control direction
900 l/min
Standard nominal flow rate in non-return direction
540 l/min ... 975 l/min
Ambient temperature
-10 °C ... 60 °C
Maritime classification
See certificate
Mounting position
Any
Symbol
00991452
Operating pressure for entire temperature range
0.2 bar ... 10 bar
Standard flow rate in flow control direction 6 -> 0 bar
1400 l/min
Standard flow rate in non-return direction at 6 -> 0 bar
1160 l/min ... 1620 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Nominal tightening torque
10 Nm
Tolerance for nominal tightening torque
± 10%
Product weight
60 g
Material of screwed trunnion
Wrought aluminum alloy
Note on materials
RoHS-compliant
Seals material
NBR
Releasing ring material
POM
Material of adjusting screw
Brass
Swivel joint material
Die-cast zinc
Chromated
11/3/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 193151

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1931510000 WEIDMULLER-1931510000 Datasheet
320Kb / 5P
SV 7.62HP/05/270SF 3.5SN BK BX
More results

Similar Description - 193151

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
175041 FESTO-175041 Datasheet
96Kb / 1P
One-way flow control valve
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com